Electronic Components Datasheet Search
  English  ▼

X  

LT4295 Datasheet(PDF) 16 Page - Analog Devices

Part # LT4295
Description  12-/24-/48-Port IEEE 802.3 at PoE PSE Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT4295 Datasheet(HTML) 16 Page - Analog Devices

Back Button LT4295 Datasheet HTML 12Page - Analog Devices LT4295 Datasheet HTML 13Page - Analog Devices LT4295 Datasheet HTML 14Page - Analog Devices LT4295 Datasheet HTML 15Page - Analog Devices LT4295 Datasheet HTML 16Page - Analog Devices LT4295 Datasheet HTML 17Page - Analog Devices LT4295 Datasheet HTML 18Page - Analog Devices LT4295 Datasheet HTML 19Page - Analog Devices LT4295 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
Data Sheet
LTC9101-2A/LTC9102
PIN FUNCTIONS
analog.com
Rev. 0 | 16 of 34
Pin No.
Mnemonic
Description
LTC9101-2A
Pins 2, 1,
Respectively
CFG[1:0]
Device Configuration Inputs. Tie the
configuration pins high or low to
set number of ports and number of
connected LTC9102s. See Table 7 for
details.
Pins 7, 23,
Respectively
CAP[2:1]
Core Power Supply Bypass Capacitors.
Connect each pin to a 1μF capacitance
to DGND for the internal 1.2V regulator
bypass. Do not use other capacitor
values. Do not source or sink current
from this pin.
Pin 8
CPD
Clock Transceiver Positive Input Output
(Digital). Connect to CPA through a data
transformer.
Pin 9
CND
Clock Transceiver Negative Input
Output (Digital). Connect to CNA
through a data transformer.
Pin 10
DPD
Data Transceiver Positive Input Output
(Digital). Connect to DPA through a data
transformer.
Pin 11
DND
Data Transceiver Negative Input Output
(Digital). Connect to DNA through a
data transformer.
Pins 12, 19, 24
VDD
VDD IO Power Supply. Connect to
a 3.3V power supply relative to
DGND. Each VDD pin must be locally
bypassed with at least a 0.1µF
capacitor. A 10µF bulk capacitor must
be connected across VDD for increased
surge immunity.
Pin 14
RESET
Reset Input, Active Low. When RESET
is low, the LTC9101-2A/LTC9102 is
held inactive with all ports off and all
internal registers reset. When RESET is
pulled high, the LTC9101-2A/LTC9102
begins normal operation. RESET can
be connected to an external capacitor
or RC network to provide a power
turn-on delay. Internal filtering of
RESET prevents glitches less than 1µs
wide from resetting the LTC9101-2A/
LTC9102. Internally pulled up to VDD.
Pin 15
INT
Interrupt Output, Open Drain. INT
pulls low when any one of several
events occur in the LTC9101-2A. It
returns to a high impedance state when
bits 6 or 7 are set in the "Reset"
register. The INT signal can be used
to generate an interrupt to the host
processor, eliminating the need for
continuous software polling. Individual
INT events can be disabled using
the "Int Mask" register. Refer to the
LTC9101-2A software interface data
Pin No.
Mnemonic
Description
sheet for more information. INT is only
updated between I2C transactions.
Pin 16
SDAOUT
Serial Data Output, Open Drain Data
Output for the I2C Serial Interface
Bus. The LTC9101-2A uses two pins
to implement the bidirectional SDA
function to simplify opto-isolation of
the I2C bus. To implement a standard
bidirectional SDA pin, tie SDAOUT
and SDAIN together. See Applications
Information for more information.
Pin 17
SDAIN
Serial Data Input. High impedance
data input for the I2C serial interface
bus. The LTC9101-2A uses two pins
to implement the bidirectional SDA
function to simplify opto-isolation of
the I2C bus. To implement a standard
bidirectional SDA pin, tie SDAOUT
and SDAIN together. See Applications
Information for more information.
Pin 18
SCL
Serial Clock Input. High impedance
clock input for the I2C serial interface
bus. The SCL pin should be connected
directly to the I2C SCL bus line. SCL
must be tied high if the I2C serial
interface bus is not used.
Pin 20
OSS
Maskable Shutdown Input, Active High.
Supports 1-bit shutdown priority. See
the Over Supply Shutdown (OSS))
section for details. Internally pulled
down to DGND.
Pins 21, 6, 5, 3,
Respectively
AD[4:1]
I2C Address Bits 4 to 1. Tie the address
pins high or low to set the base I2C
serial address. The base address is
(01A4A3A2A10b). Internally pulled up to
VDD. See Bus Addressing for details.
Pins 22, 25
DGND
Digital Ground. DGND should be
connected to the return from the VDD
supply.
LTC9102
Pin 1
CAP3
Analog Internal 3.3V Power Supply
Bypass Capacitor. Connect a 1μF
ceramic cap to VEE. A 3.3V power
supply may be connected to this pin
to improve power supply efficiency. The
EXT3 pin must be pulled to CAP3
to shut off the internal 3.3V regulator
if power is supplied externally. Do
not source or sink current from this
pin. Do not connect to CAP3 except
as explicitly instructed in the Analog
Devices documentation (for example,
strapping LTC9102 pins and terminating
the serial interface).
Pin 2
EXT3
External 3.3V Enable. Connect the
EXT3 pin to CAP3 to shut off the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com