Electronic Components Datasheet Search
  English  ▼

X  

LT4295 Datasheet(PDF) 23 Page - Analog Devices

Part # LT4295
Description  12-/24-/48-Port IEEE 802.3 at PoE PSE Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT4295 Datasheet(HTML) 23 Page - Analog Devices

Back Button LT4295 Datasheet HTML 19Page - Analog Devices LT4295 Datasheet HTML 20Page - Analog Devices LT4295 Datasheet HTML 21Page - Analog Devices LT4295 Datasheet HTML 22Page - Analog Devices LT4295 Datasheet HTML 23Page - Analog Devices LT4295 Datasheet HTML 24Page - Analog Devices LT4295 Datasheet HTML 25Page - Analog Devices LT4295 Datasheet HTML 26Page - Analog Devices LT4295 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
Data Sheet
LTC9101-2A/LTC9102
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 23 of 34
tCUT timer duration are programmable. Refer to the LTC9101-2A
software interface data sheet for encoding details.
Current Limit
Each LTC9101-2A/LTC9102 port includes an implicit current limiting
threshold (ILIM-2P), with a corresponding timer (tLIM). The ILIM thresh-
old is a function of the applied "Police" threshold, as shown in Table
11.
Table 11. ILIM Values
Police
ILIM (Typical)
≤320mA
425mA1
>320mA
850mA
1 PDs powered on as "Class 4" devices (that is, 2-event classification) maintain
an 850mA ILIM threshold regardless of the "Police" setting.
The LTC9101-2A/LTC9102 actively controls the MOSFET gate
drive to keep the port current below ILIM. Figure 7 shows that the
LTC9101-2A/LTC9102 ILIM threshold is implemented as a two-stage
foldback circuit that reduces the port current if the port voltage falls
below the normal operating voltage. This keeps MOSFET power
dissipation at safe levels. The ILIM current limiting circuit is always
enabled and actively limiting port current.
The tLIM timer duration is adjustable, as shown in Table 12. Each
quad offers an independent timer duration control. The tLIM timer
duration may be adjusted at any time. The updated timer duration is
immediately applied to all ports in the affected quad.
Table 12. TLIM Settings
Field
TLIM (Typical)
00b (Default)
Type 1 TLIM 60ms
01b
Spare TLIM 17ms
10b
Type 2 TLIM 13ms
11b
Spare TLIM 11ms
MOSFET Fault Detection
LTC9101-2A/LTC9102 PSE ports are designed to tolerate signifi-
cant levels of abuse, but in extreme cases it is possible for an
external MOSFET to be damaged. A failed MOSFET may short
source to drain, which makes the port appear to be on when it
should be off; this condition may also cause the sense resistor to
fuse open, turning off the port but causing SENSE to rise to an
abnormally high voltage. A failed MOSFET may also short from
gate to drain, causing GATE to rise to an abnormally high voltage.
OUT, SENSE, and GATE are designed to tolerate up to 80V faults
without damage.
If the LTC9101-2A/LTC9102 detects any of these conditions for
more than 3.8ms, it disables all port functionality, reduces the gate
drive pull-down current for the port, and reports a "MOSFET Fault"
detection status. This is typically a permanent fault, but the host
can attempt to recover by resetting the port, setting the port to
shutdown mode, or by resetting the entire chip if a port reset fails
to clear the fault. If the MOSFET is in fact bad, the fault quickly
returns, and the port disables itself again. The remaining ports of
the LTC9101-2A/LTC9102 are unaffected.
An open or missing MOSFET does not trigger a "MOSFET Fault"
detection status, but causes a tSTART fault if the LTC9101-2A/
LTC9102 attempts to turn on the port.
Disconnect
The LTC9101-2A/LTC9102 monitors powered ports to ensure the
PD continues to draw the minimum specified current. The IHOLD
threshold, monitored as the VHOLD threshold across the 0.1Ω sense
resistor, is used to determine if a PD is disconnected.
A disconnect timer (tDIS) counts up whenever the port current is
below the IHOLD threshold, indicating that the PD is disconnected. If
the tDIS timer expires, the port is turned off and the corresponding
disconnect fault is set. Alternatively, if the current increases above
IHOLD for a duration greater than tMPS before the tDIS timer expires,
the tDIS timer resets and the PD remains powered.
Although not recommended, the DC disconnect feature can be
disabled by clearing the corresponding "DC Disconnect Enable"
bit. Disabling the DC disconnect feature forces the LTC9101-2A/
LTC9102 out of compliance with the IEEE standard. A powered port
stays powered after the PD is removed; the still-powered port may
be subsequently connected to a non-PoE data device, potentially
causing damage.
The LTC9101-2A/LTC9102 does not include AC disconnect circui-
try.
Fast Surge Recovery
High reliability systems demand excellent surge recovery. It is
increasingly important for a PSE to minimize power disruption to
the PDs during extreme power transients. Furthermore, PDs that do
not meet minimum bulk capacitance requirements are particularly
vulnerable to power brownouts with traditional PSE solutions. The
LTC9101-2A/LTC9102 provides an improved hot swap responsive-
ness with excellent recovery from surge events.
During a surge event, the LTC9102 GATE pin quickly turns off the
external MOSFET current flow to protect the PSE, the MOSFET,
and downstream circuitry. As the surge dissipates, the LTC9102
quickly turns the MOSFET back on in a safe, current limited man-
ner, while minimizing power disruption to the PD. The LTC9102
fast MOSFET turn off and power recovery better support both
IEEE compliant PDs and PDs with lower bulk capacitance in high
reliability applications.
Port Current Readback
The LTC9101-2A measures the current through each port with
per-port A/D converters. Note that port current is only valid when



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com