Electronic Components Datasheet Search
  English  ▼

X  

LT4295 Datasheet(PDF) 30 Page - Analog Devices

Part # LT4295
Description  12-/24-/48-Port IEEE 802.3 at PoE PSE Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT4295 Datasheet(HTML) 30 Page - Analog Devices

Back Button LT4295 Datasheet HTML 26Page - Analog Devices LT4295 Datasheet HTML 27Page - Analog Devices LT4295 Datasheet HTML 28Page - Analog Devices LT4295 Datasheet HTML 29Page - Analog Devices LT4295 Datasheet HTML 30Page - Analog Devices LT4295 Datasheet HTML 31Page - Analog Devices LT4295 Datasheet HTML 32Page - Analog Devices LT4295 Datasheet HTML 33Page - Analog Devices LT4295 Datasheet HTML 34Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
Data Sheet
LTC9101-2A/LTC9102
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 30 of 34
Figure 45. LTC9102 Surge Protection
Table 14. Component Selection for PSE Maximum Class
PSE CLASS
SENSE RESISTOR
HOT SWAP MOSFET
FUSE
ETHERNET TRANSFORMER
Class 3
100mΩ, 1%, 50mW
PSMN075-100MSE
SF-0603HI075F-2
7490220120
Class 4
100mΩ, 1%, 100mW
PSMN075-100MSE
SF-0603HI100F-2
7490220121
LAYOUT REQUIREMENTS
Strict adherence to board layout, parts placement, and routing
requirements is critical for IEEE compliance, parametric measure-
ment accuracy, system robustness, and thermal dissipation. Refer
to the DC3160A-KIT demo kit for example layout references.
Kelvin Sense
Proper connection of the port current Kelvin sense lines is important
for current threshold accuracy and IEEE compliance. See Figure 46
for an example layout of these Kelvin sense lines. The LTC9102
VSSKn pin is Kelvin connected to the sense resistor (VEE side) pad
and is not otherwise connected to VEE copper areas. Similarly, the
LTC9102 SENSEn pin is Kelvin connected to the sense resistor
(SENSEn side) pad and is not otherwise connected in the power
path. Figure 46 shows the two Kelvin traces from the LTC9102 to
the sense resistor (RSENSEn).
High-Speed Data Interface Layout
The LTC9101-2A/LTC9102 chipset communicates across a propri-
etary high-speed, multidrop data interface. This allows for a single
LTC9101-2A to control up to four LTC9102s.
Figure 46. RSENSE Kelvin Connections
The data-lines require impedance matched traces to each
LTC9102. The data bus termination resistors must be located at the
LTC9102 farthest away from the isolation transformers. For isolated
applications, the DC biasing resistors must connect to the LTC9102
CAP3 pin farthest away from the isolation transformers. Figure 43
and Figure 44 show how to design the interface with 100Ω differen-
tial transmission lines, and terminate 100Ωs differentially. Limit the
high-speed data interface line length to 20 inches. Minimize the
transmission stubs between the LTC9102s and the high-speed data
interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com