Electronic Components Datasheet Search
  English  ▼

X  

PEMZ7 Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # PEMZ7
Description  NPN/PNP general purpose double transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PEMZ7 Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  PEMZ7 Datasheet HTML 1Page - Nexperia B.V. All rights reserved PEMZ7 Datasheet HTML 2Page - Nexperia B.V. All rights reserved PEMZ7 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PEMZ7 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PEMZ7 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PEMZ7 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PEMZ7 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PEMZ7 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PEMZ7 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Nexperia
PEMZ7
NPN/PNP general purpose double transistor
9. Thermal characteristics
Table 6. Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[1] [2] -
-
416
K/W
[1] Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[2] Reflow soldering is the only recommended soldering method.
10. Characteristics
Table 7. Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per transistor; for the PNP transistor with negative polarity
VCB = 15 V; IE = 0 A; Tamb = 25 °C
-
-
100
nA
ICBO
collector-base cut-off
current
VCB = 15 V; IE = 0 A; Tj = 150 °C
-
-
50
µA
IEBO
emitter-base cut-off
current
VEB = 5 V; IC = 0 A; Tamb = 25 °C
-
-
100
nA
hFE
DC current gain
VCE = 2 V; IC = 10 mA; Tamb = 25 °C
200
-
-
VCEsat
collector-emitter
saturation voltage
IC = 200 mA; IB = 10 mA; pulsed; tp ≤
300 µs; δ ≤ 0.02; Tamb = 25 °C
-
-
220
mV
Transistor 1 (NPN)
Cc
collector capacitance
VCB = 10 V; IE = 0 A; ie = 0 A; f = 1 MHz;
Tamb = 25 °C
-
4.4
6
pF
fT
transition frequency
VCE = 5 V; IC = 100 mA; f = 100 MHz;
Tamb = 25 °C
250
420
-
MHz
Transistor 2 (PNP)
Cc
collector capacitance
VCB = -10 V; IE = 0 A; ie = 0 A;
f = 1 MHz; Tamb = 25 °C
-
-
10
pF
fT
transition frequency
VCE = -5 V; IC = -100 mA; f = 100 MHz;
Tamb = 25 °C
100
280
-
MHz
PEMZ7
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
29 December 2022
3 / 10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com