Electronic Components Datasheet Search
  English  ▼

X  

PEMZ7 Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # PEMZ7
Description  NPN/PNP general purpose double transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PEMZ7 Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  PEMZ7 Datasheet HTML 1Page - Nexperia B.V. All rights reserved PEMZ7 Datasheet HTML 2Page - Nexperia B.V. All rights reserved PEMZ7 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PEMZ7 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PEMZ7 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PEMZ7 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PEMZ7 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PEMZ7 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PEMZ7 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
PEMZ7
NPN/PNP general purpose double transistor
29 December 2022
Product data sheet
1. General description
NPN/PNP low VCEsat double transistor in a SOT666 ultra small and flat lead Surface-Mounted
Device (SMD)plastic package.
2. Features and benefits
• 300 mW total power dissipation
• Very small 1.6 x 1.2 mm ultra thin package
• Self alignment during soldering due to straight leads
• Low collector capacitance
• Low VCEsat
• High current capabilities
• Improved thermal behaviour due to flat leads
• Reduced required PCB area
• Reduced pick and place costs.
3. Applications
• Heavy duty battery powered equipment (telecom and audio-video) such as lamp drivers
• VCEsat critical applications such as latest low supply voltage IC applications
• All battery driven equipment, to save battery power
4. Quick reference data
Table 1. Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per transistor; for the PNP transistor with negative polarity
VCEO
collector-emitter
voltage
open base
-
-
12
V
IC
collector current
-
-
500
mA
hFE
DC current gain
VCE = 2 V; IC = 10 mA; Tamb = 25 °C
200
-
-


Similar Part No. - PEMZ7

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMZ7 PHILIPS-PEMZ7 Datasheet
80Kb / 12P
NPN/PNP general purpose transistors
2001 Nov 07
PEMZ7 NXP-PEMZ7 Datasheet
142Kb / 9P
NPN/PNP general purpose transistors
2001 Nov 07
More results

Similar Description - PEMZ7

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC857BS PHILIPS-BC857BS Datasheet
45Kb / 8P
PNP general purpose double transistor
1999 Apr 26
BC807DS PHILIPS-BC807DS Datasheet
60Kb / 8P
PNP general purpose double transistor
2002 Nov 22
BC807DS NXP-BC807DS Datasheet
130Kb / 7P
PNP general purpose double transistor
2002 Nov 22
BC857BS NXP-BC857BS Datasheet
117Kb / 7P
PNP general purpose double transistor
1999 Apr 26
PEMT1 NXP-PEMT1 Datasheet
107Kb / 6P
PNP general purpose double transistor
2001 Nov 07
PIMT1 NXP-PIMT1 Datasheet
105Kb / 6P
PNP general purpose double transistor
2001 Oct 22
logo
SEMTECH ELECTRONICS LTD...
MMBT7073DE SEMTECH_ELEC-MMBT7073DE Datasheet
476Kb / 5P
NPN/PNP Silicon General Purpose Double Transistor
logo
Guangdong Kexin Industr...
BCV62 KEXIN-BCV62 Datasheet
104Kb / 3P
PNP general purpose double transistor
logo
Nexperia B.V. All right...
BC857BS-Q NEXPERIA-BC857BS-Q Datasheet
238Kb / 12P
PNP general purpose double transistor
29 June 2021
PEMT1 NEXPERIA-PEMT1 Datasheet
178Kb / 7P
PNP/PNP general purpose double transistor
29 December 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com