Electronic Components Datasheet Search
  English  ▼

X  

PEMZ7 Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # PEMZ7
Description  NPN/PNP general purpose double transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PEMZ7 Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  PEMZ7 Datasheet HTML 1Page - Nexperia B.V. All rights reserved PEMZ7 Datasheet HTML 2Page - Nexperia B.V. All rights reserved PEMZ7 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PEMZ7 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PEMZ7 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PEMZ7 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PEMZ7 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PEMZ7 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PEMZ7 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Nexperia
PEMZ7
NPN/PNP general purpose double transistor
5. Pinning information
Table 2. Pinning information
Pin
Symbol
Description
Simplified outline
Graphic symbol
1
E1
emitter TR1
2
B1
base TR1
3
C2
collector TR2
4
E2
emitter TR2
5
B2
base TR2
6
C1
collector TR1
1
2
3
4
5
6
SOT666
sym019
B1
E1
C2
B2
C1
TR1
TR2
E2
6. Ordering information
Table 3. Ordering information
Package
Type number
Name
Description
Version
PEMZ7
SOT666
plastic, surface-mounted package; 6 leads; 0.5 mm pitch;
1.6 mm x 1.2 mm x 0.55 mm body
SOT666
7. Marking
Table 4. Marking codes
Type number
Marking code
PEMZ7
Z7
8. Limiting values
Table 5. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Per transistor; for the PNP transistor with negative polarity
VCBO
collector-base voltage
open emitter
-
15
V
VCEO
collector-emitter voltage open base
-
12
V
VEBO
emitter-base voltage
open collector
-
6
V
IC
collector current
-
500
mA
ICM
peak collector current
-
1
A
IBM
peak base current
-
100
mA
Ptot
total power dissipation
Tamb ≤ 25 °C
[1]
-
200
mW
Per device
Ptot
total power dissipation
Tamb ≤ 25 °C
[1]
-
300
mW
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
-65
150
°C
Tstg
storage temperature
-65
150
°C
[1] Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard footprint.
PEMZ7
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
29 December 2022
2 / 10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com