Electronic Components Datasheet Search
  English  ▼

X  

MAX2160 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX2160
Description  ISDB-T Single-Segment Low-IF Tuners
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2160 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX2160 Datasheet HTML 1Page - Maxim Integrated Products MAX2160 Datasheet HTML 2Page - Maxim Integrated Products MAX2160 Datasheet HTML 3Page - Maxim Integrated Products MAX2160 Datasheet HTML 4Page - Maxim Integrated Products MAX2160 Datasheet HTML 5Page - Maxim Integrated Products MAX2160 Datasheet HTML 6Page - Maxim Integrated Products MAX2160 Datasheet HTML 7Page - Maxim Integrated Products MAX2160 Datasheet HTML 8Page - Maxim Integrated Products MAX2160 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
ISDB-T Single-Segment Low-IF Tuners
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(MAX2160 EV kit, VCC = +2.7V to +3.3V, VGC1 = VGC2 = 0.3V (maximum gain), no RF input signals at RFIN, baseband I/Os are open
circuited and VCO is active with fLO = 767.714MHz, registers set according to the recommended default register conditions of
Tables 2–11, TA = -40°C to +85°C, unless otherwise noted. Typical values are at VCC = +2.85V, TA = +25°C, unless otherwise
noted.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
All VCC_ Pins to GND............................................-0.3V to +3.6V
All Other Pins to GND.................................-0.3V to (VCC + 0.3V)
RFIN, Maximum RF Input Power ....................................+10dBm
ESD Rating .............................................................................1kV
Short-Circuit Duration
IOUT, QOUT, CPOUT, XTALOUT, PWRDET, SDA,
TEST, LTC, VCOBYP ...........................................................10s
Continuous Power Dissipation (TA = +70°C)
40-Pin Thin QFN (derate 35.7mW/°C above +70°C)....2857mW
WLP (derate 10.8mW/°C above +70°C).........................704mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SUPPLY
Supply Voltage
2.7
2.85
3.3
V
Receive mode,
SHDN = VCC , BBL[1:0] = 00
44
53.5
Standby mode, bit STBY = 1
2
4
mA
Power-down mode, bit PWDN = 1, EPD = 0
5
40
Supply Current (See Tables 15
and 16)
Shutdown mode,
SHDN = GND
0
10
µA
ANALOG GAIN-CONTROL INPUTS (GC1, GC2)
Input Voltage Range
Maximum gain = 0.3V
0.3
2.7
V
Input Bias Current
-15
+15
µA
VCO TUNING VOLTAGE INPUT (VTUNE)
Input Voltage Range
0.4
2.3
V
VTUNE ADC
Resolution
3
bits
Input Voltage Range
0.3
2.4
V
110 to 111
VCC - 0.4
101 to 110
1.9
100 to 101
1.7
011 to 100
1.3
010 to 011
0.9
001 to 010
0.6
Reference Ladder Trip Point
ADC read bits
000 to 001
0.4
V
LOCK TIME CONSTANT OUTPUT (LTC)
Bit LTC = 0
1
Source Current
Bit LTC = 1
2
µA
CAUTION! ESD SENSITIVE DEVICE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com