Electronic Components Datasheet Search
  English  ▼

X  

MAX2160 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX2160
Description  ISDB-T Single-Segment Low-IF Tuners
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2160 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX2160 Datasheet HTML 17Page - Maxim Integrated Products MAX2160 Datasheet HTML 18Page - Maxim Integrated Products MAX2160 Datasheet HTML 19Page - Maxim Integrated Products MAX2160 Datasheet HTML 20Page - Maxim Integrated Products MAX2160 Datasheet HTML 21Page - Maxim Integrated Products MAX2160 Datasheet HTML 22Page - Maxim Integrated Products MAX2160 Datasheet HTML 23Page - Maxim Integrated Products MAX2160 Datasheet HTML 24Page - Maxim Integrated Products MAX2160 Datasheet HTML 25Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
ISDB-T Single-Segment Low-IF Tuners
______________________________________________________________________________________
21
Layout Considerations
The EV kit serves as a guide for PC board layout. Keep
RF signal lines as short as possible to minimize losses
and radiation. Use controlled impedance on all high-
frequency traces. For proper operation of the TQFN
package, the exposed paddle must be soldered evenly
to the board’s ground plane. Use abundant vias
beneath the exposed paddle for maximum heat dissi-
pation. Use abundant ground vias between RF traces
to minimize undesired coupling. Bypass each VCC pin
to ground with a 100pF capacitor placed as close to
the pin as possible.
In addition, the ground returns for the VCO, VTUNE,
and charge pump require special layout consideration.
The VCOBYP capacitor (C37) and the VCCVCO bypass
capacitor (C19) ground returns must be routed back to
the GNDVCO pin and then connected to the overall
ground plane at that point (GNDVCO). All loop filter
component grounds (C27–C30) and the VCCCP
bypass capacitor (C17) ground must all be routed
together back to the GNDCP pin. GNDTUNE must also
be routed back to the GNDCP pin along with all other
grounds from the PLL loop filter. The GNDCP pin must
then be connected to the overall ground plane. Figure
4 shows a schematic drawing of the required layout
connections. Refer to the MAX2160 evaluation kit for a
recommended board layout.
Table 16. Typical Supply Current Fluctuations for Nondefault Register Settings
MODE
BIT CHANGE
TYPICAL ICC
TYPICAL
∆ICC FROM
NOMINAL
Default register settings
46.5mA
—
QOFF = 1 (Q channel off)
—
-3.3mA
BBL[1:0] = 00 (lower linearity)
—
-2mA
BBL[1:0] = 01 (nominal linearity)
—
-1mA
BBL[1:0] = 11 (high linearity)
—
+1mA
MOD = 1 (7dB baseband gain step enabled)
—
+0.3mA
EPD = 1 (power detector enabled)
—
+1mA
EPB = 0 (charge-pump prebias disabled)
—
+5.1mA
Receive
XD[4:0] = 00000 (XTALOUT buffer disabled)
—
-40µA
Shutdown
SHDN = GND
1µA
—
Standby
STBY = 1
2.2mA
—
Power-Down
PWDN = 1
13.5µA
—
VCC
VCC
34
33
32
38
37
36
35
40
39
C17
C28
C27
C29
C30
R20
R21
R22
C19
C37
ROUTE GNDTUNE, C17, AND ALL
LOOP FILTER COMPONENT GROUNDS TO
GNDCP.
CONNECT GNDCP TO THE BOARD'S
GROUND PLANE.
ROUTE C19 AND C37 TO GNDVCO.
CONNECT GNDVCO TO THE BOARD'S
GROUND PLANE.
Figure 4. Ground Return Layout Connections for the VCO, Charge Pump, and VTUNE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com