Electronic Components Datasheet Search
  English  ▼

X  

MAX2160 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX2160
Description  ISDB-T Single-Segment Low-IF Tuners
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2160 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX2160 Datasheet HTML 2Page - Maxim Integrated Products MAX2160 Datasheet HTML 3Page - Maxim Integrated Products MAX2160 Datasheet HTML 4Page - Maxim Integrated Products MAX2160 Datasheet HTML 5Page - Maxim Integrated Products MAX2160 Datasheet HTML 6Page - Maxim Integrated Products MAX2160 Datasheet HTML 7Page - Maxim Integrated Products MAX2160 Datasheet HTML 8Page - Maxim Integrated Products MAX2160 Datasheet HTML 9Page - Maxim Integrated Products MAX2160 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
ISDB-T Single-Segment Low-IF Tuners
6
_______________________________________________________________________________________
Typical Operating Characteristics
(MAX2160 EV kit, TQFN package, VCC = +2.85V, default register settings, VGC1 = VCG2 = 0.3V, VIOUT = VQOUT = 0.5VP-P,
fLO = 767.714MHz, TA = +25°C, unless otherwise noted.)
RECEIVE-MODE SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
3.2
3.1
3.0
2.9
2.8
41
42
43
44
45
46
47
48
49
50
40
2.7
3.3
TA = +85
°C
TA = +25
°C
TA = -40
°C
BBL[1:0] = 00
SHUTDOWN-MODE SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
3.2
3.1
3.0
2.9
2.8
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
2.7
3.3
TA = +85
°C
TA = +25
°C
TA = -40
°C
VOLTAGE GAIN vs. FREQUENCY
FREQUENCY (MHz)
720
670
620
570
520
108
109
110
111
112
113
107
470
770
RELATIVE GC1 GAIN RANGE
vs. GC1 VOLTAGE
VGC1 (V)
2.5
2.0
1.5
1.0
0.5
-40
-30
-20
-10
0
-50
0
3.0
TA = +25
°C
TA = +85
°C
FIXED VGC2
TA = -40
°C
RELATIVE GC2 GAIN RANGE
vs. GC2 VOLTAGE
VGC2 (V)
2.5
2.0
1.5
1.0
0.5
-70
-60
-50
-40
-30
-20
-10
0
10
-80
03.0
TA = +85
°C
TA = -40
°C
FIXED VGC1
TA = +25
°C
NOISE FIGURE vs. FREQUENCY
FREQUENCY (MHz)
720
670
620
570
520
1
2
3
4
5
6
7
8
9
10
0
470
770
TA = +25
°C
TA = +85
°C
TA = -40
°C
NOISE FIGURE vs. INPUT POWER
INPUT POWER (dBm)
-10
-20
-30
-40
-50
-60
-70
-80
-90
10
20
30
40
50
60
0
-100
0
CLOSED-LOOP POWER CONTROL
IN-BAND IIP3 vs. INPUT POWER
INPUT POWER (dBm)
-20
-40
-60
-80
-100
-80
-60
-40
-20
0
20
-100
-120
0
CLOSED-LOOP POWER CONTROL
fLO = 767.714MHz
f1 = fLO - 100kHz, f2 = fLO - 200kHz
INPUT RETURN LOSS vs. FREQUENCY
FREQUENCY (MHz)
720
670
620
570
520
45
40
35
30
25
20
15
10
5
0
50
470
770



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com