Electronic Components Datasheet Search
  English  ▼

X  

NTS0102GD Datasheet(PDF) 2 Page - NXP Semiconductors

Part # NTS0102GD
Description  Dual supply translating transceiver; open-drain; auto direction sensing
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NTS0102GD Datasheet(HTML) 2 Page - NXP Semiconductors

  NTS0102GD Datasheet HTML 1Page - NXP Semiconductors NTS0102GD Datasheet HTML 2Page - NXP Semiconductors NTS0102GD Datasheet HTML 3Page - NXP Semiconductors NTS0102GD Datasheet HTML 4Page - NXP Semiconductors NTS0102GD Datasheet HTML 5Page - NXP Semiconductors NTS0102GD Datasheet HTML 6Page - NXP Semiconductors NTS0102GD Datasheet HTML 7Page - NXP Semiconductors NTS0102GD Datasheet HTML 8Page - NXP Semiconductors NTS0102GD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
NXP Semiconductors
NTS0102
Dual supply translating transceiver; open-drain; auto direction sensing
Package
Type number
Topside
marking Name
Description
Version
NTS0102GT
s02
XSON8
plastic extremely thin small outline package; no leads; 8
terminals; body 1 × 1.95 × 0.5 mm
SOT833-1
NTS0102GD
s02
XSON8
plastic extremely thin small outline package; no leads; 8
terminals; body 3 × 2 × 0.5 mm
SOT996-2
NTS0102GF
s2
XSON8
extremely thin small outline package; no leads; 8 terminals;
body 1.35 × 1 × 0.5 mm
SOT1089
NTS0102TL
tS2
XSON8
plastic extremely thin small outline package; no leads; 8
terminals; body 3 x 2 x 0.5 mm
SOT1052-2
NTS0102JK
s2
X2SON8
super thin small outline; no leads, 8 terminals, 0.35 mm pitch,
1.35 mm x 1 mm x 0.32 mm body
SOT2015-1
Table 1. Ordering information...continued
4.1 Ordering options
Type number
Orderable part
number
Package
Packing
method[1]
Minimum order
quantity
Temperature
NTS0102DP
NTS0102DP,125
TSSOP8
Reel 7" Q3 NDP
3000
–40 °C to +125 °C
NTS0102GT
NTS0102GT,115
XSON8
Reel 7" Q1 NDP
5000
–40 °C to +125 °C
NTS0102GD[2]
NTS0102GD,125
XSON8
Reel 7" Q3 NDP
3000
–40 °C to +125 °C
NTS0102GF
NTS0102GF,115
XSON8
Reel 7" Q1 NDP
5000
–40 °C to +125 °C
NTS0102TL
NTS0102TLH
XSON8
Reel 7" Q3 NDP
4000
–40 °C to +125 °C
NTS0102JK
NTS0102JKZ
X2SON8
Reel 7" Q1 NDP
SSB
6000
–40 °C to +125 °C
Table 2. Ordering options
[1]
Standard packing quantities and other packaging data are available at www.nxp.com/packages/.
[2]
Discontinuation Notice 202111012DN - drop in replacement is NTS0102TLH.
The TL package has a center pad vs no center pad for the GD package. The TL package pad is not electrically connected to the silicon and is not required
to connect to the PCB so it can drop onto the GD package PCB layout. If the existing GD package has a trace underneath the risk is low since the TL
package center pad is not connected to the silicon. If there are multiple traces there could be EMI and cross talk. In both cases the customer needs to
evaluate risk.
Note: The length and width are reversed between the "GD" and "TL" package drawings but the shorter edge contains the pins and is 2.0 mm in both
cases.
NTS0102
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 4.5 — 6 July 2023
2 / 43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com