Electronic Components Datasheet Search
  English  ▼

X  

NTS0102GD Datasheet(PDF) 6 Page - NXP Semiconductors

Part # NTS0102GD
Description  Dual supply translating transceiver; open-drain; auto direction sensing
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NTS0102GD Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button NTS0102GD Datasheet HTML 2Page - NXP Semiconductors NTS0102GD Datasheet HTML 3Page - NXP Semiconductors NTS0102GD Datasheet HTML 4Page - NXP Semiconductors NTS0102GD Datasheet HTML 5Page - NXP Semiconductors NTS0102GD Datasheet HTML 6Page - NXP Semiconductors NTS0102GD Datasheet HTML 7Page - NXP Semiconductors NTS0102GD Datasheet HTML 8Page - NXP Semiconductors NTS0102GD Datasheet HTML 9Page - NXP Semiconductors NTS0102GD Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
NXP Semiconductors
NTS0102
Dual supply translating transceiver; open-drain; auto direction sensing
[1]
The A and B sides of an unused I/O pair must be held in the same state, both at VCCI or both at GND.
[2]
VCC(A) must be less than or equal to VCC(B).
10 Static characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V); Tamb = 25 °C.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
II
input leakage
current
OE input; VI = 0 V to 3.6 V; VCC(A) = 1.65 V to 3.6 V; VCC(B)
= 2.3 V to 5.5 V
—
—
±1
μA
IOZ
OFF-state output
current
A or B port; VO = 0 V or VCCO; VCC(A) = 1.65 V to 3.6 V;
VCC(B) = 2.3 V to 5.5 V
[1] —
—
±1
μA
A port; VI or VO = 0 V to 3.6 V; VCC(A) = 0 V; VCC(B) = 0 V to
5.5 V
—
—
±1
μA
IOFF
power-off
leakage current
B port; VI or VO = 0 V to 5.5 V; VCC(B) = 0 V; VCC(A) = 0 V to
3.6 V
—
—
±1
μA
CI
input
capacitance
OE input; VCC(A) = 3.3 V; VCC(B) = 3.3 V
—
1
—
pF
A port
—
5
—
pF
B port
—
8.5
—
pF
CI/O
input/output
capacitance
A or B port; VCC(A) = 3.3 V; VCC(B) = 3.3 V
—
11
—
pF
Table 7. Typical static characteristics
[1]
VCCO is the supply voltage associated with the output.
At recommended operating conditions; voltages are referenced to GND (ground = 0 V); Tamb = 25 °C.
VCC(B)
2.5 V
3.3 V
5.0 V
VCC(A)
ICC(A)
ICC(B)
ICC(A)
ICC(B)
ICC(A)
ICC(B)
Unit
1.8 V
0.1
0.5
0.1
1.5
0.1
4.6
μA
2.5 V
0.1
0.1
0.1
0.8
0.1
3.8
μA
3.3 V
—
—
0.1
0.1
0.1
2.8
μA
Table 8. Typical supply current
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
-40 °C to +85 °C
-40 °C to +125 °C
Symbol Parameter
Conditions
Min
Max
Min
Max
Unit
A port
VCC(A) = 1.65 V to 1.95 V;
VCC(B) = 2.3 V to 5.5 V
[1] VCCI - 0.2
—
VCCI - 0.2
—
V
VIH
HIGH-level
input voltage
VCC(A) = 2.3 V to 3.6 V; VCC(B)
= 2.3 V to 5.5 V
[1] VCCI - 0.4
—
VCCI - 0.4
—
V
Table 9. Static characteristics
NTS0102
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 4.5 — 6 July 2023
6 / 43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com