Electronic Components Datasheet Search
  English  ▼

X  

NTS0102GD Datasheet(PDF) 4 Page - NXP Semiconductors

Part # NTS0102GD
Description  Dual supply translating transceiver; open-drain; auto direction sensing
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NTS0102GD Datasheet(HTML) 4 Page - NXP Semiconductors

  NTS0102GD Datasheet HTML 1Page - NXP Semiconductors NTS0102GD Datasheet HTML 2Page - NXP Semiconductors NTS0102GD Datasheet HTML 3Page - NXP Semiconductors NTS0102GD Datasheet HTML 4Page - NXP Semiconductors NTS0102GD Datasheet HTML 5Page - NXP Semiconductors NTS0102GD Datasheet HTML 6Page - NXP Semiconductors NTS0102GD Datasheet HTML 7Page - NXP Semiconductors NTS0102GD Datasheet HTML 8Page - NXP Semiconductors NTS0102GD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
NXP Semiconductors
NTS0102
Dual supply translating transceiver; open-drain; auto direction sensing
001aam490
NTS0102
Transparent top view
8
7
6
5
1
2
3
4
B2
GND
VCC(A)
A2
B1
VCC(B)
OE
A1
Figure 4. Pin configuration SOT996-2 (XSON8)
aaa-0445
Transparent top view
8
7
6
5
1
2
3
4
B2
GND
VCC(A)
A2
B1
VCC(B)
OE
A1
80
NTS0102TLH
Figure 5. Pin configuration SOT1052-2 (XSON8)
aaa-051146
8
7
6
5
1
2
3
4
NTS0102
OE
VCC(B)
B1
A1
VCC(A)
GND
B2
pin 1
index area
A2
Transparent top view
Figure 6. Pin configuration SOT2015-1 (X2SON8)
6.2 Pin description
Symbol
Pin
Description
B2, B1
1, 8
data input or output (referenced to VCC(B))
GND
2
ground (0 V)
VCC(A)
3
supply voltage A
A2, A1
4, 5
data input or output (referenced to VCC(A))
OE
6
output enable input (active HIGH; referenced to VCC(A))
VCC(B)
7
supply voltage B
Table 3. Pin description
7 Functional description
Supply voltage
Input
Input/output
VCC(A)
VCC(B)
OE
An
Bn
1.65 V to VCC(B)
2.3 V to 5.5 V
L
Z
Z
1.65 V to VCC(B)
2.3 V to 5.5 V
H
input or output
output or input
GND[2]
GND[2]
X
Z
Z
Table 4. Function table[1]
NTS0102
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 4.5 — 6 July 2023
4 / 43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com