Electronic Components Datasheet Search
  English  ▼

X  

EPA1990A Datasheet(PDF) 35 Page - PCA ELECTRONICS INC.

Part # EPA1990A
Description  10Base-T Interface Module with Enhanced Common Mode Attenuation
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPA1990A Datasheet(HTML) 35 Page - PCA ELECTRONICS INC.

Back Button EPA1990A Datasheet HTML 31Page - PCA ELECTRONICS INC. EPA1990A Datasheet HTML 32Page - PCA ELECTRONICS INC. EPA1990A Datasheet HTML 33Page - PCA ELECTRONICS INC. EPA1990A Datasheet HTML 34Page - PCA ELECTRONICS INC. EPA1990A Datasheet HTML 35Page - PCA ELECTRONICS INC. EPA1990A Datasheet HTML 36Page - PCA ELECTRONICS INC. EPA1990A Datasheet HTML 37Page - PCA ELECTRONICS INC. EPA1990A Datasheet HTML 38Page - PCA ELECTRONICS INC. EPA1990A Datasheet HTML 39Page - PCA ELECTRONICS INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 91 page
background image
E L E C T R O N I C S I N C .
10Base-T Interface Module
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Optimized for Ubicom’s IP2022 Internet Processor
• Complies with or exceeds IEEE 802.3, 10Base-T Standards
• Robust construction allows for IR/VP processes
• 1500 Vrms Isolation
Schematic
EPE6381
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Package
Electrical Parameters @ 25° C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSE6381
Rev. 2
5/6/03
• Cable Side Impedance : 100
Ω •
Transmit
15
16
1
314
2
LPF
1:
2
Receive
10
11
6
89
7
LPF
1:1
.019 ± .002
(.483 ± .051)
.250 Max.
(6.35)
.800
(20.32)
.400 Max.
(10.16)
Pin 1
I.D.
PCA
EPE6381
Date Code
.700
(17.78)
.100 Typ.
(2.540)
.120 Typ.
(3.048)
.020 Typ.
(.508)
.300
(7.62)
18
16
9
.300
(7.62)
Attenuation
(dB Min.)
@30 MHz
Cut-off Frequency
(MHz Typ.)
17
Insertion Loss
(dB Max.)
5-10 MHz
-1
Crosstalk
(dB Min.)
1-10 MHz
-30
Xmit
-27
Rcv
-18
Return Loss
(dB Min.)
-17
5-10 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com