Electronic Components Datasheet Search
  English  ▼

X  

EPA1990A Datasheet(PDF) 11 Page - PCA ELECTRONICS INC.

Part # EPA1990A
Description  10Base-T Interface Module with Enhanced Common Mode Attenuation
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPA1990A Datasheet(HTML) 11 Page - PCA ELECTRONICS INC.

Back Button EPA1990A Datasheet HTML 7Page - PCA ELECTRONICS INC. EPA1990A Datasheet HTML 8Page - PCA ELECTRONICS INC. EPA1990A Datasheet HTML 9Page - PCA ELECTRONICS INC. EPA1990A Datasheet HTML 10Page - PCA ELECTRONICS INC. EPA1990A Datasheet HTML 11Page - PCA ELECTRONICS INC. EPA1990A Datasheet HTML 12Page - PCA ELECTRONICS INC. EPA1990A Datasheet HTML 13Page - PCA ELECTRONICS INC. EPA1990A Datasheet HTML 14Page - PCA ELECTRONICS INC. EPA1990A Datasheet HTML 15Page - PCA ELECTRONICS INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 91 page
background image
E L E C T R O N I C S I N C .
10Base-T Isolation Transformer
with Common Mode Choke
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Optimized for Level One’s LX901 and Fujitsu’s MB86961
Transceiver Chips
• Complies with or exceeds IEEE 802.3, 10Base- T Standards
• 1500 Vrms Isolation
Schematic
EPE6065AS
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Package
Electrical Parameters @ 25° C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSE6065AS
Rev. C
6/2/03
.050
(1.27)
.018/.022
(.457/.559)
.190
(4.82)
.010/.015
(.254/.381)
.380
(9.65)
0°-8°
.035
(.889)
.008/.012
(.203/.305)
PCA
EPE6065AS
Date Code
.490
(12.44)
.260
(6.60)
.070
(1.78)
.350
(8.89)
Solder Pad
Layout
.420
(10.67)
.050
(1.27)
.030
(.762)
.085
(2.16)
Pin 1
I.D.
Primary
DCR
(
Ω Max.)
0.35
Inductance
(µH Min.)
200
@100 KHz, 0.1 Vrms
Interwinding
Capacitance
(pF Max.)
12
@100 KHz, 0.1 Vrms
Leakage
Inductance
(µH Max.)
0.20
@100 KHz, 0.1 Vrms
1
2
3
6
7
8
1CT:1CT
1CT:
2CT
9
10
11
14
15
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com