Electronic Components Datasheet Search
  English  ▼

X  

EPA1990A Datasheet(PDF) 52 Page - PCA ELECTRONICS INC.

Part # EPA1990A
Description  10Base-T Interface Module with Enhanced Common Mode Attenuation
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPA1990A Datasheet(HTML) 52 Page - PCA ELECTRONICS INC.

Back Button EPA1990A Datasheet HTML 48Page - PCA ELECTRONICS INC. EPA1990A Datasheet HTML 49Page - PCA ELECTRONICS INC. EPA1990A Datasheet HTML 50Page - PCA ELECTRONICS INC. EPA1990A Datasheet HTML 51Page - PCA ELECTRONICS INC. EPA1990A Datasheet HTML 52Page - PCA ELECTRONICS INC. EPA1990A Datasheet HTML 53Page - PCA ELECTRONICS INC. EPA1990A Datasheet HTML 54Page - PCA ELECTRONICS INC. EPA1990A Datasheet HTML 55Page - PCA ELECTRONICS INC. EPA1990A Datasheet HTML 56Page - PCA ELECTRONICS INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 91 page
background image
E L E C T R O N I C S I N C .
10/100Base-TX Module for
Multi-Port Applications
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Recommended for use with Level One LXT974 Chip
• For use with Transceiver requiring 2:1 Transmit Turn Ratio
• Significantly Improved Common Mode Attenuation
• Guaranteed to operate with 8 mA DC Bias at 70°C
• Complies with or exceeds IEEE 802.3, 10/100Base-TX Standards
Schematic
EPF8105S
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Package
Electrical Parameters @ 25° C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSF8105S
Rev. B1
5/8/03
•
Isolation : 1500 Vrms • Impedance : 100
Ω • Rise Time : 3.0 nS Max. •
Insertion Loss
(dB Max.)
CMR
(dB Min.)
Return Loss
(dB Min.)
Crosstalk
(dB Min.)
-30
100
MHz
1-60
MHz
-1/-1
Xmit/Rcv
80
MHz
-2/-1
Xmit/Rcv
1-30
MHz
-18/-18
Xmit/Rcv
60
MHz
-12/-12
Xmit/Rcv
80
MHz
-10/-10
Xmit/Rcv
200
MHz
Xmit/Rcv
-15/-15
1-60
MHz
Xmit/Rcv
-40/-25
30-100
MHz
-30/-20
Xmit/Rcv
200
MHz
Xmit/Rcv
-30/15
OCL
(@ 70°C)
100 KHz, 0.1 Vrms
8 mA DC Bias
350 µH
Cable Side
.050
(1.27)
Solder Pad Layout
PCA
EPF8105S
Date Code
.480
(12.19)
.670
(17.02)
.050
(1.27)
.030
(.762)
.090
(2.29)
120
21
40
.260
(6.60)
.035
(.889)
.008/.012
(.203/.305)
.600
(15.24)
.010/.015
(.254/.381)
.950
(24.13)
.016/.022
(.406/.559)
1.120
(28.45)
0°-8°
.085
(2.16)
100
MHz
-2.5/-1
Xmit/Rcv
Diff. to CMR
(dB Min.)
-40
60
MHz
Transmit Channel
38, 33, 28, 23
40, 35, 30, 25
39, 34, 29, 24
2CT : 1CT
3, 8, 13, 18
2, 7, 12, 17
1, 6, 11, 16
Cable
Side
Chip
Side
Chip
Side
Receive Channel
Cable
Side
1 : 1
36, 31, 26, 21
37, 32, 27, 22
5, 10, 15, 20
4, 9, 14, 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com