Electronic Components Datasheet Search
  English  ▼

X  

TAS5261 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5261
Description  315-W Mono BTL Digital Amplifier Power Stage
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5261 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TAS5261 Datasheet HTML 12Page - Texas Instruments TAS5261 Datasheet HTML 13Page - Texas Instruments TAS5261 Datasheet HTML 14Page - Texas Instruments TAS5261 Datasheet HTML 15Page - Texas Instruments TAS5261 Datasheet HTML 16Page - Texas Instruments TAS5261 Datasheet HTML 17Page - Texas Instruments TAS5261 Datasheet HTML 18Page - Texas Instruments TAS5261 Datasheet HTML 19Page - Texas Instruments TAS5261 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
www.ti.com
THEORY OF OPERATION
Power Supplies
System Power-Up/Power-Down Sequence
Powering Up
Powering Down
TAS5261
SLES188 – AUGUST 2006
PCB placement, and routing. As indicated, each half
bridge has independent power-stage supply pins
(PVDD_x). For optimal electrical performance, EMI
To facilitate system design, the TAS5261 needs only
compliance, and system reliability, it is important that
a
12-V
supply
in
addition
to
a
typical
50-V
each PVDD_x pin is decoupled with two 100-nF
power-stage supply. An internal voltage regulator
ceramic capacitors placed as close as possible to
provides suitable voltage levels for the digital and
each supply pin on the same side of the PCB as the
low-voltage analog circuitry. Additionally, all circuitry
TAS5261 location. It is recommended to follow the
requiring a floating voltage supply, e.g., the high-side
PCB layout of the TAS5261 reference design. For
gate drive, is accommodated by built-in bootstrap
additional information on the recommended power
circuitry requiring only a few external capacitors.
supply and required components, see the application
diagrams given in this data sheet.
To
provide
outstanding
electrical
and
acoustic
characteristics, the PWM signal path, including gate
The
12-V
supply
should
be
powered
from
a
drive and output stage, is designed as identical,
low-noise, low-output-impedance voltage regulator.
independent half bridges. For this reason, each half
Likewise, the 50-V power-stage supply is assumed to
bridge has separated gate-drive supply (GVDD_x),
have low output impedance and low noise. The
bootstrap pins (BST_x) and power-stage supply pins
internal
POR
circuit
eliminates
the
need
for
(PVDD_x). Furthermore, an additional pin (VDD) is
power-supply sequencing. Moreover, the TAS5261 is
provided as power supply for all common circuits.
fully protected against erroneous power-stage turn
Although supplied from the same 12-V source, it is
on
due
to
parasitic
gate
charging.
Thus,
highly recommended to separate GVDD_x and VDD
voltage-supply ramp rates (dv/dt) are noncritical
on the printed circuit board (PCB) by RC filters (see
within the specified range (see the Recommended
application diagram for details). These RC filters
Operating Conditions section of this data sheet).
provide the recommended high-frequency isolation.
Special attention should be paid to placing all
decoupling capacitors as close to their associated
pins as possible. In general, inductance between the
power-supply pins and decoupling capacitors must
be avoided. (See reference board documentation for
There is no power-up sequence is required for the
additional information.)
TAS5261. The outputs of the H-bridge remain in a
high-impedance state until the gate-drive supply
For a properly functioning bootstrap circuit, a small
voltage (GVDD_x) and VDD voltage are above the
ceramic capacitor must be connected from each
undervoltage protection (UVP) voltage threshold (see
bootstrap pin (BST_x) to the power-stage output pin
the Electrical Characteristics section of this data
(OUT_x). When the power-stage output is low, the
sheet). Although not specifically required, it is
bootstrap capacitor is charged through an internal
recommended to hold RESET in a low state while
diode
connected
between
the
gate-drive
powering up the device. This allows an internal
power-supply pin (GVDD_x) and the bootstrap pin.
circuit to charge the external bootstrap capacitors by
When the power-stage output voltage is high, the
enabling a weak pulldown of the half-bridge output.
bootstrap capacitor voltage is shifted above the
output voltage potential and, thus, provides a
While powering up the TAS5261, RESET should be
suitable voltage supply for the high-side gate driver.
held low.
In an application with PWM switching frequencies in
the range of 352 kHz to 384 kHz, it is recommended
to use 33-nF ceramic capacitors, size 0603 or 0805,
There is no power-down sequence is required for the
for the bootstrap capacitor. These 33-nF capacitors
TAS5261. The device remains fully operational as
ensure
sufficient
energy
storage,
even
during
long as the gate-drive supply (GVDD_x) voltage and
minimal PWM duty cycles, to keep the high-side
VDD voltage are above the undervoltage protection
power-stage FET (LDMOS) fully started during all of
(UVP)
threshold
level
(see
the
Electrical
the remaining part of the PWM cycle. In an
Characteristics section of this data sheet). Although
application running at a reduced switching frequency,
not specifically required, it is a good practice to hold
generally 250 kHz to 192 kHz, the bootstrap
RESET low during power down, thus, preventing
capacitor might need to be increased in value.
audible artifacts including pops and clicks.
Special attention should be paid to the power-stage
power supply – this includes component selection,
16
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com