Electronic Components Datasheet Search
  English  ▼

X  

TAS5261 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5261
Description  315-W Mono BTL Digital Amplifier Power Stage
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5261 Datasheet(HTML) 3 Page - Texas Instruments

  TAS5261 Datasheet HTML 1Page - Texas Instruments TAS5261 Datasheet HTML 2Page - Texas Instruments TAS5261 Datasheet HTML 3Page - Texas Instruments TAS5261 Datasheet HTML 4Page - Texas Instruments TAS5261 Datasheet HTML 5Page - Texas Instruments TAS5261 Datasheet HTML 6Page - Texas Instruments TAS5261 Datasheet HTML 7Page - Texas Instruments TAS5261 Datasheet HTML 8Page - Texas Instruments TAS5261 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
www.ti.com
DISSIPATION RATINGS
Protection Mode
TAS5261
SLES188 – AUGUST 2006
PARAMETER
CONDITION
TYPICAL (DKD)
RθJC
BTL channel (four transistors)
0.6
°C/W
RθJC
One transistor
2.38
°C/W
Pad area
80 mm2
Protection modes are selected by shorting M1, M2, and M3 to VREG or GND.
Table 1. Protection Modes
MODE PINS
PROTECTION MODE
M3(1)
M2
M1
0
0
0
Full protection (default)
0
0
1
Reserved
0
1
0
OC latching mode
0
1
1
Reserved
(1)
M3 is reserved and always should be connected to board GND.
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com