Electronic Components Datasheet Search
  English  ▼

X  

D2000 Datasheet(PDF) 1 Page - Highly Electric Co., Ltd

Part # D2000
Description  D COMPACT ENCLOSED SWITCH
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIGHLY [Highly Electric Co., Ltd]
Direct Link  https://www.highly-elec.com/
Logo HIGHLY - Highly Electric Co., Ltd

D2000 Datasheet(HTML) 1 Page - Highly Electric Co., Ltd

  D2000 Datasheet HTML 1Page - Highly Electric Co., Ltd D2000 Datasheet HTML 2Page - Highly Electric Co., Ltd D2000 Datasheet HTML 3Page - Highly Electric Co., Ltd D2000 Datasheet HTML 4Page - Highly Electric Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
D COMPACT ENCLOSED SWITCH
C9
Design, specifications are subject to change without notice.
HIGHLY
2000: Lever roller type
1000: Lever type
Specifications
Product Selection
Mounting Hole
Features
•
High precision and long life.
•
Suitable for applications demanding higher mechanical
strength,
•
Gasket diaphragm seal provides high environmental
resistance.
Item
Standard
Rating
10A, 125V or 250VAC
Contact Resistance
1.HEAD AND ACTUATOR
5020: Roller plunger type
5000: Push plunger type
5040: Cross Roller plunger type
1020: Short Lever type
2020: Short Lever roller type
Insulation Resistance
Dielectric Strength
1,000VAC,50/60Hz for 1 minute
Service Life Mechanically:
1,000,000 operations min.
Service Life Electrically
D □
 
1
100,000 operations min.
100MΩ min. (at 500VDC)
25mΩ max. (initial)
Contact Configuration


Similar Part No. - D2000

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
D2000BDLA KEYSIGHT-D2000BDLA Datasheet
565Kb / 5P
Ultimate Bundle Software Package for InfiniiVision X-Series oscilloscopes
April 29, 2019
More results

Similar Description - D2000

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
1LS1-J HONEYWELL-1LS1-J Datasheet
53Kb / 1P
SWITCH-ENCLOSED
BZE6-2RN HONEYWELL-BZE6-2RN Datasheet
39Kb / 1P
SWITCH - ENCLOSED
DTE6-2RN HONEYWELL-DTE6-2RN Datasheet
36Kb / 1P
SWITCH-ENCLOSED
GLAD01A1B HONEYWELL-GLAD01A1B Datasheet
1Mb / 8P
SWITCH, ENCLOSED
8LS1 HONEYWELL-8LS1 Datasheet
60Kb / 1P
SWITCH-ENCLOSED
LSC2B HONEYWELL-LSC2B Datasheet
729Kb / 10P
SWITCH - ENCLOSED
logo
Honeywell Accelerometer...
LSD1A HONEYWELL-ACC-LSD1A Datasheet
729Kb / 10P
SWITCH-ENCLOSED
LSD5A HONEYWELL-ACC-LSD5A Datasheet
729Kb / 10P
SWITCH - ENCLOSED
logo
Moujen Global Co., Ltd.
ME-8 MOUJEN-ME-8 Datasheet
3Mb / 12P
Enclosed Basic Switch
logo
Omron Electronics LLC
SHL-Q2255 OMRON-SHL-Q2255 Datasheet
1Mb / 8P
Enclosed Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com