Electronic Components Datasheet Search
  English  ▼

X  

D2000 Datasheet(PDF) 3 Page - Highly Electric Co., Ltd

Part # D2000
Description  D COMPACT ENCLOSED SWITCH
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIGHLY [Highly Electric Co., Ltd]
Direct Link  https://www.highly-elec.com/
Logo HIGHLY - Highly Electric Co., Ltd

D2000 Datasheet(HTML) 3 Page - Highly Electric Co., Ltd

  D2000 Datasheet HTML 1Page - Highly Electric Co., Ltd D2000 Datasheet HTML 2Page - Highly Electric Co., Ltd D2000 Datasheet HTML 3Page - Highly Electric Co., Ltd D2000 Datasheet HTML 4Page - Highly Electric Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
C11
Design, specifications are subject to change without notice.
HIGHLY
D COMPACT ENCLOSED SWITCH
OF max.
195g
RF min.
28g
PT max.
8.5 mm
OT min.
3.2 mm
MD max.
2.6 mm
OP
40± 1 mm
FP
50 mm
OF max.
300g
RF min.
40g
PT max.
6 mm
OT min.
2 mm
MD max.
1.5 mm
OP
40±1 mm
FP
46 mm
OF max.
170g
RF min.
25g
PT max.
10 mm
OT min.
4 mm
MD max.
3 mm
OP
25± 1 mm
FP
35 mm
Operating Characteristics
Unit: mm
D2000
D2020
D1000
Item
Operating Characteristics
Dimensions



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com