Electronic Components Datasheet Search
  English  ▼

X  

D2000 Datasheet(PDF) 2 Page - Highly Electric Co., Ltd

Part # D2000
Description  D COMPACT ENCLOSED SWITCH
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIGHLY [Highly Electric Co., Ltd]
Direct Link  https://www.highly-elec.com/
Logo HIGHLY - Highly Electric Co., Ltd

D2000 Datasheet(HTML) 2 Page - Highly Electric Co., Ltd

  D2000 Datasheet HTML 1Page - Highly Electric Co., Ltd D2000 Datasheet HTML 2Page - Highly Electric Co., Ltd D2000 Datasheet HTML 3Page - Highly Electric Co., Ltd D2000 Datasheet HTML 4Page - Highly Electric Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
C10
Design, specifications are subject to change without notice.
HIGHLY
D COMPACT ENCLOSED SWITCH
Operating Characteristics
Unit: mm
D5000
D5020
D5040
OF max.
600g
RF min.
100g
PT max.
1.6 mm
OT min.
5 mm
MD max.
0.2 mm
OP
21.8± 1.2 mm
FP
--
OF max.
600g
RF min.
100g
PT max.
1.6 mm
OT min.
5 mm
MD max.
0.2 mm
OP
33.35± 1.2 mm
FP
--
OF max.
600g
RF min.
100g
PT max.
1.6 mm
OT min.
5 mm
MD max.
0.2 mm
OP
33.35± 1.2 mm
FP
--
Item
Operating Characteristics
Dimensions



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com