Electronic Components Datasheet Search
  English  ▼

X  

TP618 Datasheet(PDF) 1 Page - Highly Electric Co., Ltd

Part # TP618
Description  TACT SWITCHES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIGHLY [Highly Electric Co., Ltd]
Direct Link  https://www.highly-elec.com/
Logo HIGHLY - Highly Electric Co., Ltd

TP618 Datasheet(HTML) 1 Page - Highly Electric Co., Ltd

  TP618 Datasheet HTML 1Page - Highly Electric Co., Ltd TP618 Datasheet HTML 2Page - Highly Electric Co., Ltd TP618 Datasheet HTML 3Page - Highly Electric Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.highlyelec.com.tw
53
» Features
» Applications
» Specifications
» LED Specifications
» Product selection
TP 618
L
TERMINAL
DV Dip Type
Rating
50mA 12VDC
Insulation Resistance
100MΩ Min (at 250 VDC)
Dielectric Strength
AC 250V (50/60 Hz for 1 minute)
Contact Resistance
100mΩ Max. (Initial)
Electrically Life
100,000 Cycles Min
Ambient Temperature
-40°C~ +85°C
Operating Force
200 ± 50gf
Total Travel
0.7 ± 0.2mm
• Miniature structure with long traveling.
• Several LED colors options.
• Customized cap and symbols are available.
• Combination of switch linked with LED avoid the LED failure during
high-temperature processing.
• Water proof IP67 seazled.
• Operating switches in all types of electronic equipment such as
audio apparatus, office equipment, communications
apparatus, TV sets, VCRs, etc.
Color
VR
IF
Recommended
Operating Current
VF
Nor
Max
Red
DC 5V 20mA
20mA
1.7V
2.4V
Green DC 5V 20mA
20mA
1.9V
2.4V
Yellow DC 5V 20mA
20mA
1.9V
2.4V
Blue
DC 5V 20mA
20mA
3.0V
3.6V
White
DC 5V 20mA
20mA
3.0V
3.6V
For the specification about the other LEDs, please
contact with sales department
TP 618 SERIES
Knob Length
A0
1.8mm
COLOR1
1
Red
2
Yellow
3
4
Blue
5
White
6
7
RGB
8
Amber
GM Gullwing, SMD
JM J bend,SMD
RV Right Angle,Dip
RM Right Angle,SMD
COLOR2
Operating Force
20
200g
Contact Plating
S
Silver
G
Gold
Green
Pure Green


Similar Part No. - TP618

ManufacturerPart #DatasheetDescription
logo
Highly Electric Co., Lt...
TP613 HIGHLY-TP613 Datasheet
394Kb / 4P
PUSH SWITCHES
logo
TECH PUBLIC Electronics...
TP6130LS6-A TECHPUBLIC-TP6130LS6-A Datasheet
4Mb / 7P
1.2A, 30V Input Synchronous Step Down Regulator
logo
Highly Electric Co., Lt...
TP614 HIGHLY-TP614 Datasheet
1,020Kb / 2P
TACT SWITCHES
TP6141 HIGHLY-TP6141 Datasheet
1Mb / 2P
TACT SWITCHES
TP6149T HIGHLY-TP6149T Datasheet
952Kb / 2P
TACT SWITCHES
More results

Similar Description - TP618

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
TL1107 E-SWITCH-TL1107 Datasheet
278Kb / 2P
TACT SWITCHES
logo
List of Unclassifed Man...
PHAP33 ETC2-PHAP33 Datasheet
403Kb / 14P
Tact switches
logo
E-SWITCH
TL3300 E-SWITCH-TL3300 Datasheet
194Kb / 2P
TACT SWITCHES
320 E-SWITCH-320 Datasheet
327Kb / 3P
TACT SWITCHES
TL1150 E-SWITCH-TL1150 Datasheet
94Kb / 1P
TACT SWITCHES
logo
Highly Electric Co., Lt...
PB614 HIGHLY-PB614 Datasheet
2Mb / 5P
TACT SWITCHES
PB617 HIGHLY-PB617 Datasheet
1Mb / 3P
TACT SWITCHES
TP6141 HIGHLY-TP6141 Datasheet
1Mb / 2P
TACT SWITCHES
TP6149T HIGHLY-TP6149T Datasheet
952Kb / 2P
TACT SWITCHES
TP6152 HIGHLY-TP6152 Datasheet
1Mb / 3P
TACT SWITCHES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com