Electronic Components Datasheet Search
  English  ▼

X  

TP618 Datasheet(PDF) 3 Page - Highly Electric Co., Ltd

Part # TP618
Description  TACT SWITCHES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIGHLY [Highly Electric Co., Ltd]
Direct Link  https://www.highly-elec.com/
Logo HIGHLY - Highly Electric Co., Ltd

TP618 Datasheet(HTML) 3 Page - Highly Electric Co., Ltd

  TP618 Datasheet HTML 1Page - Highly Electric Co., Ltd TP618 Datasheet HTML 2Page - Highly Electric Co., Ltd TP618 Datasheet HTML 3Page - Highly Electric Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
» Operating characteristics
Unit: mm
Dimensions
P.C.B Layout
www.highlyelec.com.tw
55
TP618RML
PB6131F L
0.3
5.08
±0.3
10.16
±0.3
2.54
2.54
10
7.5
0.6
L1
L2
10.16
8-Ø1.0
2.54
2.54
PB6131F L
0.3
5.08
±0.3
10.16
±0.3
2.54
2.54
10
7.5
0.6
L1
L2
10.16
8-Ø1.0
2.54
2.54
PB6131F L
0.3
5.08
±0.3
10.16
±0.3
2.54
2.54
10
7.5
0.6
L1
L2
10.16
8-Ø1.0
2.54
2.54
TP 618 SERIES
5.0
7.2
8.0
0.05
+0.20
0.00
1.85
4.0
4.7
4.00
1.8
5.0
L2
L1
A
B
4.50
0.80
2.80
4.00
6.70
6.00
8.80 min
PCB Layout
(Top View)
General tolerances 0.1mm



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com