Electronic Components Datasheet Search
  English  ▼

X  

TP618 Datasheet(PDF) 2 Page - Highly Electric Co., Ltd

Part # TP618
Description  TACT SWITCHES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIGHLY [Highly Electric Co., Ltd]
Direct Link  https://www.highly-elec.com/
Logo HIGHLY - Highly Electric Co., Ltd

TP618 Datasheet(HTML) 2 Page - Highly Electric Co., Ltd

  TP618 Datasheet HTML 1Page - Highly Electric Co., Ltd TP618 Datasheet HTML 2Page - Highly Electric Co., Ltd TP618 Datasheet HTML 3Page - Highly Electric Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.highlyelec.com.tw
54
» Operating characteristics
Unit: mm
Dimensions
P.C.B Layout
TP618DVL
TP618GML
TP618JML
TP618RVL
TP 618 SERIES
1.70
3.8 ±0.15
0.60 ±0.1
3.5 ±0.1
8.50 ±0.30
0.8 ±0.1
0.25 ±0.10
6.8
L3
L4
B
L1
L2
A
B
1.10
+0.10
0.00
7.40
1.00 ±0.05
3.50
PCB Layout
(Top View)
General tolerances 0.1mm
3.80 ±0.15
0.8 ±0.1
1.70
1.80
5.00
7.2
0.6 ±0.1
1.00
6.8
3.5 ±0.1
0.05
+0.20
0.00
B
B
A
L1
L2
L3
L4
6.80
+0.10
0.00
11.20 min
1.00 ±0.05
3.50
PCB Layout
(Top View)
General tolerances 0.1mm
1.80
5.00
1.70
0.8 ±0.1
3.80 ±0.15
1.00
7.2
0.6 ±0.1
3.5 ±0.1
7.0
0.15 ±0.05
6.8
B
B
A
L1
L2
L3
L4
8.00 min
4.70
+0.10
0.00
3.50
1.00 ±0.05
PCB Layout
(Top View)
General tolerances 0.1mm
0.6 ±0.1
Shield terminal
0.8 ±0.1
5.0
7.4
8.1
2.6
2.0
0.2 ±0.1
0.25 ±0.1
4.0
4.57
2.2
1.8
5.0
B
A
L2
L1
1.80
5.00
0.90
+0.10
0.00
1.00 ±0.05
7.40 -
0.00
0.05
8.80
PCB Layout
(Top View)
Stand off
General tolerances 0.1mm



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com