Electronic Components Datasheet Search
  English  ▼

X  

SFH4346 Datasheet(PDF) 1 Page - ams AG

Part # SFH4346
Description  Radial T1 Infrared Emitter (940 nm)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

SFH4346 Datasheet(HTML) 1 Page - ams AG

  SFH4346 Datasheet HTML 1Page - ams AG SFH4346 Datasheet HTML 2Page - ams AG SFH4346 Datasheet HTML 3Page - ams AG SFH4346 Datasheet HTML 4Page - ams AG SFH4346 Datasheet HTML 5Page - ams AG SFH4346 Datasheet HTML 6Page - ams AG SFH4346 Datasheet HTML 7Page - ams AG SFH4346 Datasheet HTML 8Page - ams AG SFH4346 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
SFH 4346
1 Version 1.4 | 2019-07-16
Produktdatenblatt | Version 1.1
www.osram-os.com
Applications
SFH 4346
Radial T1
Infrared Emitter (940 nm)
—
Electronic Equipment
—
Industrial Automation (Machine Controls, Light
Barriers, Vision Controls)
—
Safety and Security, CCTV
—
Smoke Detectors
Features:
—
Package: black epoxy
—
ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)
—
Wavelength 940nm
—
Short switching times
—
package similar to SFH 309
Ordering Information
Type
Radiant intensity 1)
Radiant intensity 1)
Ordering Code
typ.
I
F = 100 mA; tp = 20 ms
I
F = 100 mA; tp = 20 ms
I
e
I
e
SFH 4346-UV
40 ... 125 mW/sr
90 mW/sr
Q65112A4347
SFH 4346
40 ... 320 mW/sr
90 mW/sr
Q65111A6137


Similar Part No. - SFH4346

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4346 OSRAM-SFH4346 Datasheet
434Kb / 11P
Infrared Emitter (940 nm)
More results

Similar Description - SFH4346

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4346 OSRAM-SFH4346 Datasheet
434Kb / 11P
Infrared Emitter (940 nm)
SFH4841E7800 OSRAM-SFH4841E7800 Datasheet
451Kb / 12P
Infrared Emitter (940 nm)
SFH4845 OSRAM-SFH4845 Datasheet
445Kb / 12P
Infrared Emitter (940 nm)
SFH4846 OSRAM-SFH4846 Datasheet
270Kb / 12P
Infrared Emitter (940 nm)
SFH7252 OSRAM-SFH7252 Datasheet
458Kb / 16P
Infrared Emitter (850 nm) and Infrared Emitter (940 nm)
SFH-4940 OSRAM-SFH-4940 Datasheet
440Kb / 10P
Infrared Emitter Arrays (940 nm)
SFH-4941 OSRAM-SFH-4941 Datasheet
384Kb / 10P
Infrared Emitter (940 nm)
SFH-4941-C OSRAM-SFH-4941-C Datasheet
233Kb / 10P
Infrared Emitter (940 nm)
SFH-7252 OSRAM-SFH-7252 Datasheet
458Kb / 16P
Infrared Emitter (850 nm) and Infrared Emitter (940 nm)
logo
ams AG
SFH4942 AMSCO-SFH4942 Datasheet
1Mb / 14P
Infrared Emitter Arrays (940 nm)
Version 1.3 2023-06-06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com