Electronic Components Datasheet Search
  English  ▼

X  

SFH4346 Datasheet(PDF) 5 Page - ams AG

Part # SFH4346
Description  Radial T1 Infrared Emitter (940 nm)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

SFH4346 Datasheet(HTML) 5 Page - ams AG

  SFH4346 Datasheet HTML 1Page - ams AG SFH4346 Datasheet HTML 2Page - ams AG SFH4346 Datasheet HTML 3Page - ams AG SFH4346 Datasheet HTML 4Page - ams AG SFH4346 Datasheet HTML 5Page - ams AG SFH4346 Datasheet HTML 6Page - ams AG SFH4346 Datasheet HTML 7Page - ams AG SFH4346 Datasheet HTML 8Page - ams AG SFH4346 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
SFH 4346
5 Version 1.4 | 2019-07-16
Radiation Characteristics 6), 7)
I
e,rel = f (φ)
OHF05658
0˚
20˚
40˚
60˚
80˚
100˚
120˚
0.4
0.6
0.8
1.0
100˚
90˚
80˚
70˚
60˚
50˚
0˚
10˚
20˚
30˚
40˚
0
0.2
0.4
0.6
0.8
1.0
ϕ
Forward current 6), 7)
I
F = f (VF); single pulse; tp = 100 µs
0
I
OHF05642
F
VF
mA
V
102
3
10
0
10
1
10
1
2
3
4
Relative Radiant Intensity 6), 7)
I
e/Ie(100mA) = f (IF); single pulse; tp = 100 µs
OHF05641
3
10
Ι
e
(100 mA)
e
Ι
F
I
102
1
10
100
mA
10-3
10-2
10-1
100
1
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com