Electronic Components Datasheet Search
  English  ▼

X  

SFH4346 Datasheet(PDF) 4 Page - ams AG

Part # SFH4346
Description  Radial T1 Infrared Emitter (940 nm)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

SFH4346 Datasheet(HTML) 4 Page - ams AG

  SFH4346 Datasheet HTML 1Page - ams AG SFH4346 Datasheet HTML 2Page - ams AG SFH4346 Datasheet HTML 3Page - ams AG SFH4346 Datasheet HTML 4Page - ams AG SFH4346 Datasheet HTML 5Page - ams AG SFH4346 Datasheet HTML 6Page - ams AG SFH4346 Datasheet HTML 7Page - ams AG SFH4346 Datasheet HTML 8Page - ams AG SFH4346 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
SFH 4346
4 Version 1.4 | 2019-07-16
Brightness Groups
T
A = 25 °C
Group
Radiant intensity
Radiant intensity
I
F = 100 mA; tp = 20 ms
I
F = 100 mA; tp = 20 ms
min.
max.
I
e
I
e
U
40 mW/sr
80 mW/sr
V
63 mW/sr
125 mW/sr
AW
100 mW/sr
200 mW/sr
BW
160 mW/sr
320 mW/sr
Only one group in one packing unit (variation lower 2:1).
Relative Spectral Emission 6), 7)
I
e,rel = f (λ); IF = 100 mA; tp = 20 ms
800
0
nm
%
OHF04134
20
40
60
80
100
Irel
λ
850
900
950
1025



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com