Electronic Components Datasheet Search
  English  ▼

X  

HSML-C265 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HSML-C265
Description  AlInGaP chipLED
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSML-C265 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HSML-C265 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSML-C265 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSML-C265 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSML-C265 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSML-C265 Datasheet HTML 5Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Preliminary Datasheet
Agilent AlInGaP chipLED
Package Dimensions
HSMX-C265
Notes:
1.
Dimensions in mm.
2. Tolerance ± 0.1 mm unless otherwise noted.
Device Selection Guide
Part Number
Color
Parts Per Reel
HSMA-C265
Amber
3000
HSMC-C265
Red
3000
HSML-C265
Orange
3000
HSMT-C265
Deep Red
3000
Agilent Technologies reserves the right to alter prices, specifications, features, capabilities, functions, release dates, and remove availability of the
product(s) at anytime.


Similar Part No. - HSML-C265

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSML-C265 AVAGO-HSML-C265 Datasheet
188Kb / 10P
High Performance Chip LEDs
More results

Similar Description - HSML-C265

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LGQ971 SIEMENS-LGQ971 Datasheet
54Kb / 6P
CHIPLED
LGR971 SIEMENS-LGR971 Datasheet
52Kb / 6P
CHIPLED
LYR970 SIEMENS-LYR970 Datasheet
60Kb / 6P
CHIPLED
LYR976 SIEMENS-LYR976 Datasheet
33Kb / 6P
CHIPLED
logo
OSRAM GmbH
LOR971 OSRAM-LOR971 Datasheet
108Kb / 10P
CHIPLED
logo
Agilent(Hewlett-Packard...
HSME-C110 HP-HSME-C110 Datasheet
216Kb / 12P
AlInGaP Green ChipLED
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-CA00 AVAGO-ASMT-CA00 Datasheet
243Kb / 6P
AlInGaP Amber, 0.4mm Low Profile Right Angle Surface Mount ChipLED
HSME-C110 AVAGO-HSME-C110 Datasheet
194Kb / 12P
AlInGaP Green ChipLED
logo
Broadcom Corporation.
ASMT-CR00 BOARDCOM-ASMT-CR00 Datasheet
338Kb / 6P
AlInGaP Red 0.4mm Low Profile Right Angle Surface Mount ChipLED
ASMT-CA00 BOARDCOM-ASMT-CA00 Datasheet
334Kb / 6P
AlInGaP Amber, 0.4mm Low Profile Right Angle Surface Mount ChipLED
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com