Electronic Components Datasheet Search
  English  ▼

X  

HSML-C265 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # HSML-C265
Description  AlInGaP chipLED
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSML-C265 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HSML-C265 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSML-C265 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSML-C265 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSML-C265 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSML-C265 Datasheet HTML 5Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Light Intensity (Iv) Bin Limit
[1]
Intensity (mcd)
Bin ID
Min.
Max.
A
0.11
0.18
B
0.18
0.29
C
0.29
0.45
D
0.45
0.72
E
0.72
1.10
F
1.10
1.80
G
1.80
2.80
H
2.80
4.50
J
4.50
7.20
K
7.20
11.20
L
11.20
18.00
M
18.00
28.50
N
28.50
45.00
P
45.00
71.50
Q
71.50
112.50
R
112.50
180.00
S
180.00
285.00
T
285.00
450.00
U
450.00
715.00
V
715.00
1125.00
W
1125.00
1800.00
X
1800.00
2850.00
Y
2850.00
4500.00
Tolerance: ±15%
Note:
1.
Bin categories are established for classification of products. Products may not be available
in all categories. Please contact your Agilent representative for information on currently
available bins.
Amber Color Bin Limits
Dominant Wavelength (nm)
Bin ID
Min.
Max.
A
582.0
584.5
B
584.5
587.0
C
587.0
589.5
D
589.5
592.0
E
592.0
594.5
F
594.5
597.0
Tolerance : + / - 1 nm
Red Color Bin Limits
Dominant Wavelength (nm)
Bin ID
Min.
Max.
-
615.0
630.0
Tolerance : + / - 1 nm
Agilent Technologies reserves the right to alter prices, specifications, features, capabilities, functions, release dates, and remove availability of the
product(s) at anytime.
3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com