Electronic Components Datasheet Search
  English  ▼

X  

EPZ3060LP-552 Datasheet(PDF) 29 Page - PCA ELECTRONICS INC.

Part # EPZ3060LP-552
Description  AC Power Line Chokes
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPZ3060LP-552 Datasheet(HTML) 29 Page - PCA ELECTRONICS INC.

Back Button EPZ3060LP-552 Datasheet HTML 25Page - PCA ELECTRONICS INC. EPZ3060LP-552 Datasheet HTML 26Page - PCA ELECTRONICS INC. EPZ3060LP-552 Datasheet HTML 27Page - PCA ELECTRONICS INC. EPZ3060LP-552 Datasheet HTML 28Page - PCA ELECTRONICS INC. EPZ3060LP-552 Datasheet HTML 29Page - PCA ELECTRONICS INC. EPZ3060LP-552 Datasheet HTML 30Page - PCA ELECTRONICS INC. EPZ3060LP-552 Datasheet HTML 31Page - PCA ELECTRONICS INC. EPZ3060LP-552 Datasheet HTML 32Page - PCA ELECTRONICS INC. EPZ3060LP-552 Datasheet HTML 33Page - PCA ELECTRONICS INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 64 page
background image
E L E C T R O N I C S I N C .
AC Power Line Choke
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Used as AC Power Line Filters in CTV, VTR, Audios, PC’s,
Facsimilies and Power Supply Applications
• Applicable Frequency : 0.2 MHz to 30 MHz
• Low Profile In Vertical Core Layout
• UL940-V Recognized Materials
• Temperature Rise : 60°C Max.
• UL1446 Insulating System
• 2000 Vrms Isolation
• 4-Section Bobbin
EPZ3061LP-XXX
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Electrical Parameters @ 25° C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSZ3061LP-XXX
Rev. -
11/18/02
0.9
1.3
1.8
2.0
3.6
7.7
13
22
36
Inductance
(mH Min.)
[Pins 1-2, 4-3]
2.0
1.7
1.5
1.3
1.0
0.7
0.5
0.4
0.3
Current Rating
(A rms Max.)
EPZ3061LP-901
EPZ3061LP-132
EPZ3061LP-182
EPZ3061LP-202
EPZ3061LP-362
EPZ3061LP-772
EPZ3061LP-133
EPZ3061LP-223
EPZ3061LP-363
Part
Number
Package
.394 ± .002
(10.00 ± .050)
.512 ± .002
(13.00 ± .050)
.047 Ø ± .004
(1.20 Ø ± .100)
Recommended PWB
Piercing Plan
1
2
4
3
Circuit Sample
AC Line
Schematic
1
4
2
3
1:1
Marking :
PCA
EPZ3061LP-XXX
D.C.
.689 Max.
(17.50)
.394 ± .020
(10.00 ± .500)
.630 Max.
(16.00)
.709 Max.
(18.00)
.138 ± .039
(3.50 ± 1.00)
4
32
1
.035 Ø
Max.
(.900 Ø)
.512 ± .020
(13.00 ± .500)
Impedance Characteristics
10
.01
MHz
0.1
MHz
0.1
1
100
1000
1
MHz
Frequency (Hz)
10
MHz
10 mH
8 mH
5 mH
3 mH
2 mH
1 mH
0.6 mH
Pin 1 I.D.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com