Electronic Components Datasheet Search
  English  ▼

X  

EPZ3060LP-552 Datasheet(PDF) 39 Page - PCA ELECTRONICS INC.

Part # EPZ3060LP-552
Description  AC Power Line Chokes
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPZ3060LP-552 Datasheet(HTML) 39 Page - PCA ELECTRONICS INC.

Back Button EPZ3060LP-552 Datasheet HTML 35Page - PCA ELECTRONICS INC. EPZ3060LP-552 Datasheet HTML 36Page - PCA ELECTRONICS INC. EPZ3060LP-552 Datasheet HTML 37Page - PCA ELECTRONICS INC. EPZ3060LP-552 Datasheet HTML 38Page - PCA ELECTRONICS INC. EPZ3060LP-552 Datasheet HTML 39Page - PCA ELECTRONICS INC. EPZ3060LP-552 Datasheet HTML 40Page - PCA ELECTRONICS INC. EPZ3060LP-552 Datasheet HTML 41Page - PCA ELECTRONICS INC. EPZ3060LP-552 Datasheet HTML 42Page - PCA ELECTRONICS INC. EPZ3060LP-552 Datasheet HTML 43Page - PCA ELECTRONICS INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 64 page
background image
E L E C T R O N I C S I N C .
Common Mode Choke
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Ideal for LAN Applications
• For use with 10Base-T, Token Ring and 100 MBPS
• High Frequency Choke for EMI Reduction
EPA3482S
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSA3482
Rev. 1
3/3/03
Electrical Parameters @ 25° C
Schematic
Package
DCR
(
Ω Max.)
0.6
OCL
(µH Min.)
40
@ 100 KHz, 100m Vrms
Turns Ratio
(± 1%)
1:1
Hipot
(Vrms)
500
for 1 minute
12
3
5
678
10 11 12 13 14 15 16 17 18
4
919 20
40 39 38
36 35 34 33
31
30 29 28 27 26 25 24 23
37
32
22 21
Impedance Vs. Frequency
3500
3000
2500
2000
1500
1000
300
0
Freq. (MHz)
10 20
40
60
100
300
30
50
200
1
4000
4500
Minimum
Typical
Pin 1
I.D.
.245
(6.22)
.950
(24.13)
.010/.015
(.254/.381)
.480
(12.19)
.050
(1.27)
1.120
(28.45)
.016/.022
(.406/.559)
PCA
EPA3482S
Date Code
.092
(2.34)
.050
(1.27)
.030
(.762)
.660
(16.76)
.035
(.889)
.600
(15.24)
0°-8°
.008/.012
(.203/.305)
.085
(2.15)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com