Electronic Components Datasheet Search
  English  ▼

X  

EPZ3060LP-552 Datasheet(PDF) 49 Page - PCA ELECTRONICS INC.

Part # EPZ3060LP-552
Description  AC Power Line Chokes
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPZ3060LP-552 Datasheet(HTML) 49 Page - PCA ELECTRONICS INC.

Back Button EPZ3060LP-552 Datasheet HTML 45Page - PCA ELECTRONICS INC. EPZ3060LP-552 Datasheet HTML 46Page - PCA ELECTRONICS INC. EPZ3060LP-552 Datasheet HTML 47Page - PCA ELECTRONICS INC. EPZ3060LP-552 Datasheet HTML 48Page - PCA ELECTRONICS INC. EPZ3060LP-552 Datasheet HTML 49Page - PCA ELECTRONICS INC. EPZ3060LP-552 Datasheet HTML 50Page - PCA ELECTRONICS INC. EPZ3060LP-552 Datasheet HTML 51Page - PCA ELECTRONICS INC. EPZ3060LP-552 Datasheet HTML 52Page - PCA ELECTRONICS INC. EPZ3060LP-552 Datasheet HTML 53Page - PCA ELECTRONICS INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 64 page
background image
E L E C T R O N I C S I N C .
Power Choke
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Noise Suppression Choke
• 2.5 A Max. Rated Current
• 500 Vrms Isolation
EPZ3001G
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Electrical Parameters @ 25° C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
Schematic
1
3
2
4
Package
.370
(9.40)
PCA
EPZ3001G
D.C.
1
2
.585 Max.
(14.86)
.720
Max.
(18.29)
.390 Max.
(9.91)
.610
(15.49)
.060
(1.52)
.175
(4.45)
.610
(15.49)
3
4
1
2
3
4
Turns Ratio
SRF
(MHz Typ. )
Inductance
(mH Min.)
@10 KHz, 0.1 Vrms
DCR
(m
Ω Max.)
Matched with ± 5%
CSZ3001G
Rev. 2
3/25/03
Temp. Rise
@ 2.5 A (°C Typ. )
1 : 1
1.0
3.0
.080
42
2.4
Pins 1-2 : 3-4
Pins 1-2, 3-4
Pins 1-2, 3-4
Pins 1-2, 3-4
Inductance
(mH Min.) @ 2 mA DC Bias
@1 KHz, 0.1 Vrms
6K
Ω
10K
Ω
14K
Ω
18K
Ω
2K
Ω
Frequency
0.1
MHz
1.0
MHz
20
MHz
10
MHz
0
0K
Ω
4K
Ω
8K
Ω
12K
Ω
16K
Ω
Impedance (mp)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com