Electronic Components Datasheet Search
  English  ▼

X  

BLF369 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BLF369
Description  VHF power LDMOS transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF369 Datasheet(HTML) 4 Page - NXP Semiconductors

  BLF369 Datasheet HTML 1Page - NXP Semiconductors BLF369 Datasheet HTML 2Page - NXP Semiconductors BLF369 Datasheet HTML 3Page - NXP Semiconductors BLF369 Datasheet HTML 4Page - NXP Semiconductors BLF369 Datasheet HTML 5Page - NXP Semiconductors BLF369 Datasheet HTML 6Page - NXP Semiconductors BLF369 Datasheet HTML 7Page - NXP Semiconductors BLF369 Datasheet HTML 8Page - NXP Semiconductors BLF369 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
BLF369_2
© NXP B.V. 2006. All rights reserved.
Objective data sheet
Rev. 02 — 8 December 2006
4 of 13
NXP Semiconductors
BLF369
VHF power LDMOS transistor
7.1 Ruggedness in class-AB operation
The BLF369 is capable of withstanding a load mismatch corresponding to VSWR = 10 : 1
through all phases under the following conditions: VDS = 32 V; f = 225 MHz at rated load
power (PL(PEP) = 500 W).
VDS = 32 V; f = 225 MHz; IDq = 2 × 1.0 A; Th = 25 °C.
Fig 2.
CW power gain Gp and drain efficiency ηD as a function of output power PL; typical values
VDS = 32 V; f1 = 225 MHz; f2 = 225.1 MHz;
IDq =2 × 1.0 A; Th = 25 °C.
VDS = 32 V; f1 = 225 MHz; f2 = 225.1 MHz;
IDq =2 × 1.0 A; Th = 25 °C.
Fig 3.
2-Tone power gain Gp and drain efficiency ηD as
a function of peak envelope power PL(PEP);
typical values
Fig 4.
2-Tone third order intermodulation distortion
IMD3 as a function of peak envelope power
PL(PEP); typical values
PL (W)
0
500
400
200
300
100
001aae501
18
20
22
GP
(dB)
16
30
50
70
ηD
(%)
10
GP
ηD
PL(PEP) (W)
0
600
400
200
001aae502
18
20
22
GP
(dB)
16
20
40
60
ηD
(%)
0
GP
ηD
PL(PEP) (W)
0
600
400
200
001aae503
−40
−20
0
IMD3
(dBc)
−60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com