Electronic Components Datasheet Search
  English  ▼

X  

BLF369 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BLF369
Description  VHF power LDMOS transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF369 Datasheet(HTML) 1 Page - NXP Semiconductors

  BLF369 Datasheet HTML 1Page - NXP Semiconductors BLF369 Datasheet HTML 2Page - NXP Semiconductors BLF369 Datasheet HTML 3Page - NXP Semiconductors BLF369 Datasheet HTML 4Page - NXP Semiconductors BLF369 Datasheet HTML 5Page - NXP Semiconductors BLF369 Datasheet HTML 6Page - NXP Semiconductors BLF369 Datasheet HTML 7Page - NXP Semiconductors BLF369 Datasheet HTML 8Page - NXP Semiconductors BLF369 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1.
Product profile
1.1 General description
A 500 W LDMOS RF Power transistor for broadcast transmitter applications and industrial
applications in the HF/VHF band.
[1]
Th is the heatsink temperature.
1.2 Features
I Typical CW performance at 225 MHz, a drain-source voltage VDS of 32 V and a
quiescent drain current IDq = 2 × 1.0 A:
N Load power PL = 500 W
N Power gain Gp ≥ 18 dB
N Drain efficiency ηD =60%
I Advanced flange material for optimum thermal behavior and reliability
I Excellent ruggedness
I High power gain
I Designed for broadband operation (HF/VHF band)
I Source on underside eliminates DC isolators, reducing common-mode inductance
I Easy power control
I Integrated ESD protection
1.3 Applications
I Communication transmitter applications in the UHF band
I Industrial applications in the UHF band
BLF369
VHF power LDMOS transistor
Rev. 02 — 8 December 2006
Objective data sheet
Table 1.
Typical performance
Typical RF performance at VDS = 32 V and Th =25 °C in a common-source 225 MHz test circuit.[1]
Mode of operation
f
PL
PL(PEP)
Gp
η
D
IMD3
(MHz)
(W)
(W)
(dB)
(%)
(dBc)
CW, class AB
225
500
-
18
60
-
2-tone, class AB
f1 = 225; f2 = 225.1
-
500
19
47
−28
CAUTION
This device is sensitive to ElectroStatic Discharge (ESD). Therefore care should be taken
during transport and handling.


Similar Part No. - BLF369

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF369 NXP-BLF369 Datasheet
156Kb / 17P
Multi-use VHF power LDMOS transistor
Rev. 03-29 January 2008
BLF369 NXP-BLF369 Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
More results

Similar Description - BLF369

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLC573 NXP-BLC573 Datasheet
117Kb / 14P
HF / VHF power LDMOS transistor
Rev. 01-11 December 2008
BLF571 NXP-BLF571 Datasheet
105Kb / 13P
HF / VHF power LDMOS transistor
Rev. 01-11 December 2008
BLF573S NXP-BLF573S Datasheet
84Kb / 14P
HF / VHF power LDMOS transistor
Rev. 01-8 December 2008
BLF574 NXP-BLF574 Datasheet
171Kb / 18P
HF / VHF power LDMOS transistor
Rev. 01-8 December 2008
BLF574 PHILIPS-BLF574 Datasheet
171Kb / 18P
HF / VHF power LDMOS transistor
Rev. 02-24 February 2009
BLF571 PHILIPS-BLF571_15 Datasheet
113Kb / 13P
HF / VHF power LDMOS transistor
Rev. 02-24 February 2009
BLF573_BLF573S PHILIPS-BLF573_BLF573S_15 Datasheet
362Kb / 16P
HF / VHF power LDMOS transistor
Rev. 3-8 July 2010
BLF574 PHILIPS-BLF574_15 Datasheet
179Kb / 18P
HF / VHF power LDMOS transistor
Rev. 02-24 February 2009
logo
Ampleon Netherlands B.V...
BLF574 AMPLEON-BLF574 Datasheet
1Mb / 19P
HF / VHF power LDMOS transistor
Rev. 4 ??1 December 2016
BLF978P AMPLEON-BLF978P Datasheet
1Mb / 15P
HF / VHF power LDMOS transistor
Rev. 1 ??3 April 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com