Electronic Components Datasheet Search
  English  ▼

X  

IXC1100 Datasheet(PDF) 83 Page - Intel Corporation

Part # IXC1100
Description  Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

IXC1100 Datasheet(HTML) 83 Page - Intel Corporation

Back Button IXC1100 Datasheet HTML 79Page - Intel Corporation IXC1100 Datasheet HTML 80Page - Intel Corporation IXC1100 Datasheet HTML 81Page - Intel Corporation IXC1100 Datasheet HTML 82Page - Intel Corporation IXC1100 Datasheet HTML 83Page - Intel Corporation IXC1100 Datasheet HTML 84Page - Intel Corporation IXC1100 Datasheet HTML 85Page - Intel Corporation IXC1100 Datasheet HTML 86Page - Intel Corporation IXC1100 Datasheet HTML 87Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 134 page
background image
Intel® IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
Datasheet
March 2005
Document Number: 252479, Revision: 005
83
5.2.2
VCCPLL2 Requirement
A parallel combination of a 10-nF capacitor — for bypass — and a 200-nF capacitor — for a first-
order filter with a cut-off frequency below 30 MHz — must be connected to the VCCPLL2 pin of the
IXP42X product line and IXC1100 control plane processors.
The ground of both capacitors should be connected to the nearest VSS supply pin. Both capacitors
should be located less than 0.5 inch away from the VCCPLL2 pin and the associated VSS pin. In
order to achieve the 200-nF capacitance, a parallel combination of two 100-nF capacitors may be
used as long as the capacitors are placed directly beside each other.
5.2.3
VCCOSCP Requirement
A single 170-nF capacitor must be connected between the VCCP_OSC pin and VSSP_OSC pin of the
IXP42X product line and IXC1100 control plane processors. This capacitor value provides both
bypass and filtering.
Figure 9.
VCCPLL1 Power Filtering Diagram
1.3 V
Intel
® IXP42X
Product Line /
Intel
® IXC1100
Control Plane
Processor
10 nF
VSS
VCCPLL1
100 nF
100 nF
VSS
B1680-03
Figure 10.
VCCPLL2 Power Filtering Diagram
Intel
® IXP42X
Product Line /
Intel
® IXC1100
Control Plane
Processor
1.3 V
10 nF
VSS
VCCPLL2
100 nF
100 nF
VSS
B1681-03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com