Electronic Components Datasheet Search
  English  ▼

X  

IXC1100 Datasheet(PDF) 30 Page - Intel Corporation

Part # IXC1100
Description  Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

IXC1100 Datasheet(HTML) 30 Page - Intel Corporation

Back Button IXC1100 Datasheet HTML 26Page - Intel Corporation IXC1100 Datasheet HTML 27Page - Intel Corporation IXC1100 Datasheet HTML 28Page - Intel Corporation IXC1100 Datasheet HTML 29Page - Intel Corporation IXC1100 Datasheet HTML 30Page - Intel Corporation IXC1100 Datasheet HTML 31Page - Intel Corporation IXC1100 Datasheet HTML 32Page - Intel Corporation IXC1100 Datasheet HTML 33Page - Intel Corporation IXC1100 Datasheet HTML 34Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 134 page
background image
Intel® IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
March 2005
Datasheet
30
Document Number: 252479, Revision: 005
The I-cache can be enabled or disabled. Attribute bits within the descriptors — contained in the
ITLB of the IMMU — provide some control over an enabled I-cache.
When a needed line (eight 32-bit words) is not present in the I-cache, the line is fetched (critical
word first) from memory via a two-level, deep-fetch queue. The fetch queue allows the next
instruction to be accessed from the I-cache, but only when its data operands do not depend on the
execution results of the instruction being fetched via the queue.
2.2.6
Data Cache (D-Cache)
The D-cache can contain high-use data such as lookup tables and filter coefficients, allowing the
core access to data at core frequencies. This prevents core stalls caused by multi-cycle accesses to
external memory.
The 32-Kbyte D-cache is 32-set/32-way associative, where each set contains 32 ways and each
way contains a tag address, a cache line (32 bytes with one parity bit per byte) of data, two dirty
bits (one for each of two eight-byte groupings in a line), and one valid bit. For each of the 32 sets,
zero through 28 ways can be locked, unlocked, or used as local SRAM. Unlocked ways are
replaceable via a round-robin policy.
The D-cache (together with the mini-data cache) can be enabled or disabled. Attribute bits within
the descriptors, contained in the DTLB of the DMMU, provide significant control over an enabled
D-cache. These bits specify cache operating modes such as read and write allocate, write-back,
write-through, and D-cache versus mini-data cache targeting.
The D-cache (and mini-data cache) work with the load buffer and pend buffer to provide “hit-
under-miss” capability that allows the core to access other data in the cache after a “miss” is
encountered. The D-cache (and mini-data cache) works in conjunction with the write buffer for
data that is to be stored to memory.
2.2.7
Mini-Data Cache
The mini-data cache can contain frequently changing data streams such as MPEG video, allowing
the core access to data streams at core frequencies. This prevents core stalls caused by multi-cycle
accesses to external memory. The mini-data cache relieves the D-cache of data “thrashing” caused
by frequently changing data streams.
The 2-Kbyte, mini-data cache is 32-set/two-way associative, where each set contains two ways and
each way contains a tag address, a cache line (32 bytes with one parity bit per byte) of data, two
dirty bits (one for each of two eight-byte groupings in a line), and a valid bit. The mini-data cache
uses a round-robin replacement policy, and cannot be locked.
The mini-data cache (together with the D-cache) can be enabled or disabled. Attribute bits
contained within a coprocessor register specify operating modes write and/or read allocate, write-
back, and write-through.
The mini-data cache (and D-cache) work with the load buffer and pend buffer to provide “hit-
under-miss” capability that allows the core to access other data in the cache after a “miss” is
encountered. The mini-data cache (and D-cache) works in conjunction with the write buffer for
data that is to be stored to memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com