Electronic Components Datasheet Search
  English  ▼

X  

IXC1100 Datasheet(PDF) 46 Page - Intel Corporation

Part # IXC1100
Description  Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

IXC1100 Datasheet(HTML) 46 Page - Intel Corporation

Back Button IXC1100 Datasheet HTML 42Page - Intel Corporation IXC1100 Datasheet HTML 43Page - Intel Corporation IXC1100 Datasheet HTML 44Page - Intel Corporation IXC1100 Datasheet HTML 45Page - Intel Corporation IXC1100 Datasheet HTML 46Page - Intel Corporation IXC1100 Datasheet HTML 47Page - Intel Corporation IXC1100 Datasheet HTML 48Page - Intel Corporation IXC1100 Datasheet HTML 49Page - Intel Corporation IXC1100 Datasheet HTML 50Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 134 page
background image
Intel® IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
March 2005
Datasheet
46
Document Number: 252479, Revision: 005
Table 14.
USB Interface
Name
Power
On
Reset1
Reset2
Type†
Description
USB_DPOS
Z
Z
I/O
Positive signal of the differential USB receiver/driver.
USB_DNEG
Z
Z
I/O
Negative signal of the differential USB receiver/driver.
1.
While PWRON_RESET_N is deasserted use Power On Reset column for the pin state.
2.
After deassertion of PWRON_RESET_N, and deassertion of RESET_IN_N, and assertion of
PLL_LOCK, all signals reflect the value shown in the RESET column.
†
For a legend of the Type codes, see Table 5 on page 33.
Table 15.
Oscillator Interface
Name
Power
On
Reset1
Reset2
Type†
Description
OSC_IN
I
33.33 MHz, sinusoidal crystal input signal. Can be driven by an
oscillator.
OSC_OUT
O
33.33 MHz, sinusoidal crystal output signal. Left disconnected
when being driven by an oscillator.
1.
While PWRON_RESET_N is deasserted use Power On Reset column for the pin state.
2.
After deassertion of PWRON_RESET_N, and deassertion of RESET_IN_N, and assertion of
PLL_LOCK, all signals reflect the value shown in the RESET column.
†
For a legend of the Type codes, see Table 5 on page 33.
Table 16.
GPIO Interface (Sheet 1 of 2)
Name
Power
On
Reset1
Reset2
Type†
Description
GPIO[12:0]
Z
Z
I/O
General purpose Input/Output pins. May be configured as an input
or an output. As an input, each signal may be configured a
processor interrupt. Default after reset is to be configured as inputs.
Should be pulled low using a 10-K
Ω resistor when not being utilized
in the system.
1.
While PWRON_RESET_N is deasserted use Power On Reset column for the pin state.
2.
After deassertion of PWRON_RESET_N, and deassertion of RESET_IN_N, and assertion of
PLL_LOCK, all signals reflect the value shown in the RESET column.
†
For a legend of the Type codes, see Table 5 on page 33.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com