Electronic Components Datasheet Search
  English  ▼

X  

IR3084 Datasheet(PDF) 2 Page - International Rectifier

Part # IR3084
Description  XPHASETM VR 10/11 CONTROL IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3084 Datasheet(HTML) 2 Page - International Rectifier

  IR3084 Datasheet HTML 1Page - International Rectifier IR3084 Datasheet HTML 2Page - International Rectifier IR3084 Datasheet HTML 3Page - International Rectifier IR3084 Datasheet HTML 4Page - International Rectifier IR3084 Datasheet HTML 5Page - International Rectifier IR3084 Datasheet HTML 6Page - International Rectifier IR3084 Datasheet HTML 7Page - International Rectifier IR3084 Datasheet HTML 8Page - International Rectifier IR3084 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 45 page
background image
IR3084
Page 2 of 45
07/20/2005
ORDERING INFORAMATION
DEVICE
ORDER QUANTITY
IR3084MTRPBF
3000 Tape and Reel
IR3084MPBF
100 Piece Strip
ABSOLUTE MAXIMUM RATINGS
Operating Junction Temperature……………..0 to 150
oC
Storage Temperature Range………………….−65
oC to 150oC
ESD Rating………………………………………HBM Class 1B JEDEC standard
Moisture Sensitivity Level………………………JEDEC Level 3 @ 260
oC
PIN #
PIN NAME
VMAX
VMIN
ISOURCE
ISINK
1
VIDSEL
20V
−0.3V
1mA
1mA
2−9
VID7−0
20V
−0.3V
1mA
1mA
10
VOSNS−
0.5V
−0.5V
10mA
10mA
11
ROSC
20V
−0.5V
1mA
1mA
12
VDAC
20V
−0.3V
1mA
1mA
13
OCSET
20V
−0.3V
1mA
1mA
14
VSETPT
20V
−0.3V
1mA
1mA
15
IIN
20V
−0.3V
1mA
1mA
16
VDRP
20V
−0.3V
5mA
5mA
17
FB
20V
−0.3V
1mA
1mA
18
EAOUT
10V
−0.3V
20mA
20mA
19
RMPOUT
20V
−0.3V
5mA
5mA
20
VBIAS
20V
−0.3V
50mA
10mA
21
VCC
20V
−0.3V
1mA
50mA
22
LGND
n/a
n/a
50mA
1mA
23
REGFB
20V
−0.3V
1mA
1mA
24
REGDRV
20V
−0.3V
10mA
50mA
25
REGSET
20V
−0.3V
1mA
1mA
26
SS/DEL
20V
−0.3V
1mA
1mA
27
VRRDY
20V
−0.3V
1mA
20mA
28
ENABLE
20V
−0.3V
1mA
1mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com