Electronic Components Datasheet Search
  English  ▼

X  

IR3084 Datasheet(PDF) 34 Page - International Rectifier

Part # IR3084
Description  XPHASETM VR 10/11 CONTROL IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3084 Datasheet(HTML) 34 Page - International Rectifier

Back Button IR3084 Datasheet HTML 30Page - International Rectifier IR3084 Datasheet HTML 31Page - International Rectifier IR3084 Datasheet HTML 32Page - International Rectifier IR3084 Datasheet HTML 33Page - International Rectifier IR3084 Datasheet HTML 34Page - International Rectifier IR3084 Datasheet HTML 35Page - International Rectifier IR3084 Datasheet HTML 36Page - International Rectifier IR3084 Datasheet HTML 37Page - International Rectifier IR3084 Datasheet HTML 38Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 45 page
background image
IR3084
Page 34 of 45
07/20/2005
DESIGN EXAMPLE: VRM 11 7−PHASE CONVERTER
SPECIFICATIONS
Input Voltage: VI = 12V
DAC Voltage: VDAC = 1.3V
No Load Output Voltage Offset: VO_NLOFST = 15mV
Output Current: IO = 130 ADC
Maximum Output Current: IOMAX = 150 ADC
Load Line Slope: RO = 1.20 m
VRM11 Startup Boot Voltage = 1.100V
Soft Start Time: TD2 = 1.1ms
VCC Ready to VCC Power Good Delay: TD5 = 1.0ms
Over Current Delay: TOCDEL = 250µs
Dynamic VID Negative Slew Rate: SRDOWN = 2.5mV/us
Over Temperature Threshold: TPCB = 115 ºC
POWER STAGE
Phase Number: n = 7
Switching Frequency: fSW=400 kHz
Output Inductors: L = 220 nH, RL = 0.60 m
Output Capacitors: C = 560uF, RC = 7m , Number Cn = 10
IR3084 EXTERNAL COMPONENTS
Oscillator Resistor Rosc
The switching frequency sets the value of ROSC as shown by the curve in Figure 13 on page 6. In this design,
the switching frequency of 400kHz per phase requires ROSC to be 30.1k .
VDAC Slew Rate Programming Capacitor CVDAC and Resistor RVDAC
From Figure 17 on page 6, the sink current of the VDAC pin at 400kHz (ROSC=30.1k ) is 80uA. Calculate the
VDAC slew-rate programming capacitor from the specified negative slew rate using Equation (1).
nF
SR
I
C
DOWN
SINK
VDAC
0
.
32
10
/
10
*
5
.
2
10
*
80
6
3
6
=
=
=
−
−
−
,
Choose CVDAC = 33nF
Calculate the VDAC compensation resistor from Equation (2);
3.5
)
(33*10
3.2*10
0.5
C
3.2*10
0.5
R
2
9
15
2
VDAC
15
VDAC
=
+
=
+
=
−
−
−
From Figure 17 on page 6, the source current of the VDAC pin is 90uA at ROSC = 30.1K . The VDAC positive
slew rate is can be calculated using Equation (3);
2.7mV/uS
33*10
90*10
C
I
SR
9
6
VDAC
SOURCE
UP
=
=
=
−
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com