Electronic Components Datasheet Search
  English  ▼

X  

TA22 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TA22
Description  Single Value Chip Resistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TA22 Datasheet(HTML) 1 Page - Vishay Siliconix

  TA22 Datasheet HTML 1Page - Vishay Siliconix TA22 Datasheet HTML 2Page - Vishay Siliconix TA22 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UMA 0204, UMB 0207
www.vishay.com
Vishay Beyschlag
Revision: 27-Mar-14
1
Document Number: 28715
For technical questions, contact: melf@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Ultra Precision Thin Film MELF Resistors
UMA 0204 and UMB 0207 ultra precision thin film MELF
resistors combine the proven reliability of precision MELF
products with the most advanced level of precision and
stability first achieved with axial thin film precision resistors.
This unique combination makes the product perfectly suited
for all applications with outstanding requirements towards
reliable precision and stability.
FEATURES
• Most advanced thin film technology
• Long term stability down to 0.02 %
• TCR down to ± 5 ppm/K
• High precision tolerance down to ± 0.02 %
• Operating voltage 350 V for UMB 0207
• Material categorization:
For definitions of compliance please see
www.vishay.com/doc?99912
APPLICATIONS
• Measuring and calibration equipment
• Industrial process control systems
• Space and aircraft electronics
• Medical equipment
Note
(1) Please refer to APPLICATION INFORMATION below.
TECHNICAL SPECIFICATIONS
DESCRIPTION
UMA 0204
UMB 0207
DIN size
0204
0207
Metric CECC size
RC 3715M
RC 6123M
Resistance range
22
 to 332 k
100
 to 390 k
Resistance tolerance
± 0.25 %; ± 0.1 %; ± 0.05 %; ± 0.02 %
Temperature coefficient
± 15 ppm/K; ± 10 ppm/K; ± 5 ppm/K
Rated dissipation, P70 (1)
0.25 W
0.4 W
Operating voltage, Umax. ACRMS or DC
200 V
350 V
Permissible film temperature,
max.
(1)
125 °C
Operating temperature range
-55 °C to 125 °C
Permissible voltage against ambient (insulation):
1 min; Uins
300 V
500 V
Continuous
75 V
75 V
Failure rate: FITobserved
0.1 x 109/h


Similar Part No. - TA22

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TA22 VISHAY-TA22 Datasheet
89Kb / 3P
Single Value Chip Resistor
06-Oct-08
TA22 VISHAY-TA22 Datasheet
146Kb / 10P
Ultra Precision Thin Film MELF Resistors10
27-Mar-14
logo
Beijing Yaohuadechang E...
TA22-100 YHDC-TA22-100 Datasheet
1Mb / 1P
Through core type precision current transformer
logo
Vishay Siliconix
TA22-100KD0016 VISHAY-TA22-100KD0016 Datasheet
89Kb / 3P
Single Value Chip Resistor
06-Oct-08
TA22-100KF0016 VISHAY-TA22-100KF0016 Datasheet
89Kb / 3P
Single Value Chip Resistor
06-Oct-08
More results

Similar Description - TA22

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
LRC WELWYN-LRC Datasheet
105Kb / 2P
Low Value Flat Chip Resistor
logo
Vishay Siliconix
CS22 VISHAY-CS22 Datasheet
84Kb / 3P
Single Value Chip Resistor
21-Nov-13
TA22 VISHAY-TA22_08 Datasheet
89Kb / 3P
Single Value Chip Resistor
06-Oct-08
RSK22N VISHAY-RSK22N Datasheet
85Kb / 3P
Single Value Chip Resistor
06-Oct-08
logo
Panasonic Semiconductor
ERJM1W PANASONIC-ERJM1W Datasheet
148Kb / 11P
Low Resistance Value Chip Resistor
logo
Bi technologies
LR2010-R10FW BITECH-LR2010-R10FW Datasheet
344Kb / 2P
Low Value Flat Chip Resistor
logo
List of Unclassifed Man...
HTC210M ETC-HTC210M Datasheet
125Kb / 1P
Low Value Flat Chip Resistor
LRF2512-R025FW ETC-LRF2512-R025FW Datasheet
344Kb / 2P
Low Value Flat Chip Resistor
LQW2BHN6N8D03L ETC2-LQW2BHN6N8D03L Datasheet
469Kb / 2P
Low Value Flat Chip Resistor
logo
Vishay Siliconix
RSK22N VISHAY-RSK22N_15 Datasheet
73Kb / 3P
Precision Wirebondable Single Value Thin Film Chip Resistor
11-Nov-15
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com