Electronic Components Datasheet Search
  English  ▼

X  

TA22 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TA22
Description  Single Value Chip Resistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TA22 Datasheet(HTML) 2 Page - Vishay Siliconix

  TA22 Datasheet HTML 1Page - Vishay Siliconix TA22 Datasheet HTML 2Page - Vishay Siliconix TA22 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UMA 0204, UMB 0207
www.vishay.com
Vishay Beyschlag
Revision: 27-Mar-14
2
Document Number: 28715
For technical questions, contact: melf@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
APPLICATION INFORMATION
The power dissipation on the resistor generates a temperature rise against the local ambient, depending on the heat flow
support of the printed-circuit board (thermal resistance). The rated dissipation applies only if the permitted film temperature is
not exceeded. Furthermore a high level of ambient temperature or of power dissipation may raise the temperature of the solder
joint, hence special solder alloys or board materials may be required to maintain the reliability of the assembly.
These resistors do not feature a lifetime limitation when operated within the limits of rated dissipation, permissible operating
voltage and permissible film temperature. However, the resistance typically increases due to the resistor’s film temperature over
operating time, generally known as drift. The drift may exceed the stability requirements of an individual application circuit and
thereby limits the functional lifetime.
Notes
• TCR 10 ppm/K and TCR 05 ppm/K is specified over the temperature range from -10 °C to +85 °C.
• UMA 0204: Approval to EN 140401-803, “Version A” is achieved for TCR 10 ppm/K with 0.25 % and 0.1 %.
MAXIMUM RESISTANCE AT RATED DISSIPATION
Operation mode
Precision
Standard
Rated dissipation, P70
UMA 0204
0.07 W
0.25 W
UMB 0207
0.11 W
0.4 W
Applied maximum film temperature,
F max.
85 °C
125 °C
Max. resistance change at rated dissipation
|
R/R max.|, after:
1000 h
 0.02 %
 0.05 %
8000 h
 0.05 %
 0.1 %
225 000 h
 0.15 %
 0.3 %
TEMPERATURE COEFFICIENT AND RESISTANCE RANGE
TYPE
TCR
TOLERANCE
RESISTANCE RANGE
E-SERIES
UMA 0204
± 15 ppm/K
±
0.05 %
47
 to 332 k
E192
± 10 ppm/K
±
0.25 %
22
 to 332 k
±
0.1 %
43
 to 332 k
± 0.05 %
75
 to 221 k
± 5 ppm/K
±
0.25 %
33
 to 221 k
±
0.1 %
56
 to 221 k
± 0.05 %
75
 to 150 k
± 0.02 %
75
 to 100 k
UMB 0207
± 15 ppm/K
±
0.05 %
100
 to 390 k
± 10 ppm/K
±
0.25 %
100
 to 390 k
±
0.1 %
100
 to 390 k
± 0.05 %
100
 to 390 k
± 5 ppm/K
±
0.25 %
270
 to 390 k
±
0.1 %
270
 to 390 k
± 0.05 %
270
 to 390 k
± 0.02 %
270
 to 390 k



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com