Electronic Components Datasheet Search
  English  ▼

X  

TA22 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TA22
Description  Single Value Chip Resistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TA22 Datasheet(HTML) 3 Page - Vishay Siliconix

  TA22 Datasheet HTML 1Page - Vishay Siliconix TA22 Datasheet HTML 2Page - Vishay Siliconix TA22 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
UMA 0204, UMB 0207
www.vishay.com
Vishay Beyschlag
Revision: 27-Mar-14
3
Document Number: 28715
For technical questions, contact: melf@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Products can be ordered using either the PART NUMBER or the PRODUCT DESCRIPTION.
PACKAGING
TYPE
CODE
QUANTITY
CARRIER TAPE
WIDTH
PITCH
REEL DIAMETER
UMA 0204
AU
100
Antistatic blister tape acc.
IEC 60286-3 type 2a
8 mm
4 mm
Box
A1
1000
180 mm/7"
A3 = AL
3000
A0
10 000
330 mm/13"
UMB 0207
BU
100
Antistatic blister tape acc.
IEC 60286-3 type 2a
12 mm
4 mm
Box
B1
1000
180 mm/7"
B2
2000
B7
7000
330 mm/13"
PART NUMBER AND PRODUCT DESCRIPTION
Part Number: UMB02070F5620AB200
MODEL/SIZE
VERSION
TCR
RESISTANCE
TOLERANCE
PACKAGING
UMA 0204
UMB 0207
0 = Standard
G = ± 5 ppm/K
F = ± 10 ppm/K
E = ± 15 ppm/K
3 digit value
1 digit multiplier
MULTIPLIER
9 = *10-1
0 = *100
1 = *101
2 = *102
3 = *103
H = ± 0.02 %
A = ± 0.05 %
B = ± 0.1 %
C = ± 0.25 %
AU
A1
A3
A0
BU
B1
B2
B7
Product Description: UMB 0207-10 0.05 % B2 562R
UMB
0207
10
0.05 %
B2
562R
TYPE
SIZE
TCR
TOLERANCE
PACKAGING
RESISTANCE
UMA
UMB
0204
0207
± 5 ppm/K
± 10 ppm/K
± 15 ppm/K
± 0.02 %
± 0.05 %
± 0.1 %
± 0.25 %
AU
A1
AL
A0
BU
B1
B2
B7
562R = 562
M
B
0
2070
F
5
U
20
A
B
2
00
6



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com