Electronic Components Datasheet Search
  English  ▼

X  

74HC366 Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # 74HC366
Description  Hex buffer/line driver; 3-state; inverting
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC366 Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  74HC366 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HC366 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HC366 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC366 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC366 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC366 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC366 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC366 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC366 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Nexperia
74HC366; 74HCT366
Hex buffer/line driver; 3-state; inverting
5. Pinning information
5.1. Pinning
74HC366
74HCT366
OE1
VCC
1A
OE2
1Y
6A
2A
6Y
2Y
5A
3A
5Y
3Y
4A
GND
4Y
001aaf580
1
2
3
4
5
6
7
8
10
9
12
11
14
13
16
15
Fig. 5. Pin configuration for SOT109-1 (SO16) and SOT403-1 (TSSOP16)
5.2. Pin description
Table 2. Pin description
Symbol
Pin
Description
OE1, OE2
1, 15
output enable input (active LOW)
1A, 2A, 3A, 4A, 5A, 6A
2, 4, 6, 10, 12, 14
data input
1Y, 2Y, 3Y, 4Y, 5Y, 6Y
3, 5, 7, 9, 11, 13
data output
GND
8
ground (0 V)
VCC
16
supply voltage
6. Functional description
Table 3. Function table
H = HIGH voltage level; L = LOW voltage level; X = don’t care; Z = high-impedance OFF-state.
Control
Input
Output
OE1
OE2
nA
nY
L
L
L
H
L
L
H
L
X
H
X
Z
H
X
X
Z
74HC_HCT366
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 6 — 17 February 2021
3 / 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com