Electronic Components Datasheet Search
  English  ▼

X  

74HC366 Datasheet(PDF) 10 Page - Nexperia B.V. All rights reserved

Part # 74HC366
Description  Hex buffer/line driver; 3-state; inverting
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC366 Datasheet(HTML) 10 Page - Nexperia B.V. All rights reserved

Back Button 74HC366 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC366 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC366 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC366 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74HC366 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74HC366 Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74HC366 Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74HC366 Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74HC366 Datasheet HTML 14Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Nexperia
74HC366; 74HCT366
Hex buffer/line driver; 3-state; inverting
Table 9. Dynamic characteristics 74HCT366
Voltages are referenced to GND (ground = 0 V); CL = 50 pF unless otherwise specified; see test circuit Fig. 8.
Symbol Parameter
Conditions
Min
Typ
Max Unit
Tamb = 25 °C
nA to nY; see Fig. 6
[1]
VCC = 4.5 V
-
13
24 ns
tpd
propagation delay
VCC = 5 V; CL = 15 pF
-
11
-
ns
ten
enable time
OEn to nY; VCC = 4.5 V; see Fig. 7
[2]
-
16
35 ns
tdis
disable time
OEn to nY; VCC = 4.5 V; see Fig. 7
[3]
-
20
35 ns
tt
transition time
VCC = 4.5 V; see Fig. 6
[4]
-
5
12 ns
CPD
power dissipation
capacitance
per buffer; VI = GND to (VCC - 1.5 V)
[5]
-
30
-
pF
Tamb = -40 °C to +85 °C
tpd
propagation delay
nA to nY; VCC = 4.5 V; see Fig. 6
[1]
-
-
30 ns
ten
enable time
OEn to nY; VCC = 4.5 V; see Fig. 7
[2]
-
-
44 ns
tdis
disable time
OEn to nY; VCC = 4.5 V; see Fig. 7
[3]
-
-
44 ns
tt
transition time
VCC = 4.5 V; see Fig. 6
[4]
-
-
15 ns
Tamb = -40 °C to +125 °C
tpd
propagation delay
nA to nY; VCC = 4.5 V; see Fig. 6
[1]
-
-
36 ns
ten
enable time
OEn to nY; VCC = 4.5 V; see Fig. 7
[2]
-
-
53 ns
tdis
disable time
OEn to nY; VCC = 4.5 V; see Fig. 7
[3]
-
-
53 ns
tt
transition time
VCC = 4.5 V; see Fig. 6
[4]
-
-
18 ns
[1] tpd is the same as tPHL and tPLH.
[2] ten is the same as tPZH and tPZL.
[3] tdis is the same as tPHZ and tPLZ.
[4] tt is the same as tTHL and tTLH.
[5] CPD is used to determine the dynamic power dissipation (PD in μW).
PD = CPD x VCC 2 x fi x N + Σ(CL x VCC 2 x fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
Σ(CL x VCC 2 x fo) = sum of outputs.
74HC_HCT366
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 6 — 17 February 2021
10 / 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com