Electronic Components Datasheet Search
  English  ▼

X  

NCP4425P Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP4425P
Description  3A Dual High-Speed MOSFET Drivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4425P Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP4425P Datasheet HTML 2Page - ON Semiconductor NCP4425P Datasheet HTML 3Page - ON Semiconductor NCP4425P Datasheet HTML 4Page - ON Semiconductor NCP4425P Datasheet HTML 5Page - ON Semiconductor NCP4425P Datasheet HTML 6Page - ON Semiconductor NCP4425P Datasheet HTML 7Page - ON Semiconductor NCP4425P Datasheet HTML 8Page - ON Semiconductor NCP4425P Datasheet HTML 9Page - ON Semiconductor NCP4425P Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
NCP4423, NCP4424, NCP4425
http://onsemi.com
6
TYPICAL ELECTRICAL CHARACTERISTICS
4
6
8
10
12
141618
–55
–35
–15
5
25
45
65
85
105
125
45
20
30
40
35
25
50
45
20
4
6
8
101214
30
40
VDD
Figure 9. Propagation Delay Time vs. Supply
Voltage
35
25
16
CLOAD = 2200 pF
–55
–35
–15
5
25
45
65
TA (°C)
Figure 10. Delay Time vs. Temperature
0.01
46
8
10
12
14
0.1
16
VDD
Figure 11. Quiescent Current vs. Supply
Voltage
BOTH INPUTS = 1
1
TA (°C)
INPUTS = 1
VDD
10
2
14
12
VDD
50
18
tD2
tD2
85
105
125
CLOAD = 2200 pF
tD2
tD2
Figure 12. Quiescent Current vs. Temperature
INPUTS = 0
BOTH INPUTS = 0
18
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
4
6
8
4
6
8
10
1214
1618
10
2
14
12
4
6
8
WORST CASE @ TJ = +150°C
TYP @ TA = +25°C
TA = +25°C
WORST CASE @ TJ = +150°C
TYP @ TA = +25°C
Figure 13. Output Resistance (Output High)
vs. Supply Voltage
Figure 14. Output Resistance (Output Low)
vs. Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com