Electronic Components Datasheet Search
  English  ▼

X  

NCP4425P Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP4425P
Description  3A Dual High-Speed MOSFET Drivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4425P Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP4425P Datasheet HTML 3Page - ON Semiconductor NCP4425P Datasheet HTML 4Page - ON Semiconductor NCP4425P Datasheet HTML 5Page - ON Semiconductor NCP4425P Datasheet HTML 6Page - ON Semiconductor NCP4425P Datasheet HTML 7Page - ON Semiconductor NCP4425P Datasheet HTML 8Page - ON Semiconductor NCP4425P Datasheet HTML 9Page - ON Semiconductor NCP4425P Datasheet HTML 10Page - ON Semiconductor NCP4425P Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
NCP4423, NCP4424, NCP4425
http://onsemi.com
7
TYPICAL ELECTRICAL CHARACTERISTICS
20
10
10
100
40
60
50
30
1000
0
20
10
100
1000
40
60
CLOAD (pF)
Figure 15. Supply Current vs. Capacitive Load
50
30
10000
VDD = 18 V
634 kHz
Figure 16. Supply Current vs. Frequency
70
20
100
1000
40
60
50
30
10000
80
90
70
20
0
100
40
60
50
30
1000
80
90
100
CLOAD (pF)
40
0
100
80
60
1000
10000
10
1000
FREQUENCY (kHz)
100
0
112.5 kHz
355 kHz
200 kHz
20
120
40
0
100
80
60
20
120
Figure 17. Supply Current vs. Capacitive Load
Figure 18. Supply Current vs. Frequency
VDD = 12 V
2 MHz
634 kHz
355 kHz
VDD = 18 V
3300 pF
1000 pF
10,000 pF
100 pF
VDD = 12 V
3300 pF
1000 pF
10,000 pF
100 pF
VDD = 6 V
2 MHz
355 kHz
VDD = 6 V
10,000 pF
CLOAD (pF)
FREQUENCY (kHz)
10
0
1.125 MHz
10
0
4700 pF
2200 pF
1000 pF
100 pF
1.125 MHz
634 kHz
355 kHz
112.5 kHz
20 kHz
63.4 kHz
200 kHz
20 kHz
63.4 kHz
35.5 kHz
20 kHz
112.5 kHz
100 pF
FREQUENCY (kHz)
Figure 19. Supply Current vs. Capacitive Load
Figure 20. Supply Current vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com