Electronic Components Datasheet Search
  English  ▼

X  

NCP4425P Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP4425P
Description  3A Dual High-Speed MOSFET Drivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4425P Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP4425P Datasheet HTML 4Page - ON Semiconductor NCP4425P Datasheet HTML 5Page - ON Semiconductor NCP4425P Datasheet HTML 6Page - ON Semiconductor NCP4425P Datasheet HTML 7Page - ON Semiconductor NCP4425P Datasheet HTML 8Page - ON Semiconductor NCP4425P Datasheet HTML 9Page - ON Semiconductor NCP4425P Datasheet HTML 10Page - ON Semiconductor NCP4425P Datasheet HTML 11Page - ON Semiconductor NCP4425P Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
NCP4423, NCP4424, NCP4425
http://onsemi.com
8
TYPICAL ELECTRICAL CHARACTERISTICS
VIN
Figure 21. NCP4423 Crossover Energy
AMBIENT TEMPERATURE (
°C)
Figure 22. Thermal Derating Curves
16 Pin SOIC
1400
1200
1000
800
600
400
200
0
0
20
40
60
80
100
120
140
0
2
4
6
8
10
1214
1618
–8
8
6
4
2
–9
8
6
4
2
–10
10
10
10
NOTE: The values on this graph represent the loss seen by both drivers
in a package during one complete cycle. For a single driver, divide the
stated values by 2. For a single transition of a single driver, divide the
stated value by 4.
Static–sensitive device. Unused devices must be stored in conductive
material. Protect devices from static discharge and static fields.
Stresses above those listed under Absolute Maximum Ratings (See
page 2) may cause permanent damage to the device. These are stress
ratings only and functional operation of the device at these or any other
conditions above those indicated in the operational sections of the
specifications is not implied. Exposure to Absolute Maximum Rating
Conditions for extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com