Electronic Components Datasheet Search
  English  ▼

X  

UPC259 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # UPC259
Description  High Performance, Low Noise Dual Operational Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC259 Datasheet(HTML) 6 Page - Renesas Technology Corp

  UPC259 Datasheet HTML 1Page - Renesas Technology Corp UPC259 Datasheet HTML 2Page - Renesas Technology Corp UPC259 Datasheet HTML 3Page - Renesas Technology Corp UPC259 Datasheet HTML 4Page - Renesas Technology Corp UPC259 Datasheet HTML 5Page - Renesas Technology Corp UPC259 Datasheet HTML 6Page - Renesas Technology Corp UPC259 Datasheet HTML 7Page - Renesas Technology Corp UPC259 Datasheet HTML 8Page - Renesas Technology Corp UPC259 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
µPC259, 4560
R03DS0146EJ0100 Rev.1.00
Page 6 of 8
2019.06.13
APPLICATION CIRCUIT EXAMPLE
Headphone Amplifier
RIAA Amplifier
+
+
-
μPC4560
R2
51 kΩ
ヘッドホン
最大出力
8 Ω
2.5 mW TYP.
51 kΩ
R1
R3
100 kΩ
R4
10 kΩ
R5
10 kΩ
R6
180 Ω
R7
100 Ω
0.47 μF
C1
4.7 μF
C3
100 μF
C4
10 μF
C2
+20 V
0.001
0.01
0.1
1.0
0.01
0.1
1.0
10
出力電圧
VO [Vr.m.s.]
ひずみ率 特性
f = 1 kHz
0.0022 μF
0.01 μF
+
33 μF
100 μF
100 μF
-15 V
+15 V
C7
C3
C4
R4
R5
C5
C6
36 kΩ
390 kΩ
10 kΩ
R6
47 μF
1 kΩ
R3
C2
56 kΩ
R2
2.2 kΩ
R1
33 μF
C1
+
-
μPC4560
Headphone
Max. Output
Distortion Rate
Output Voltage



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com