Electronic Components Datasheet Search
  English  ▼

X  

UPC259 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # UPC259
Description  High Performance, Low Noise Dual Operational Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC259 Datasheet(HTML) 1 Page - Renesas Technology Corp

  UPC259 Datasheet HTML 1Page - Renesas Technology Corp UPC259 Datasheet HTML 2Page - Renesas Technology Corp UPC259 Datasheet HTML 3Page - Renesas Technology Corp UPC259 Datasheet HTML 4Page - Renesas Technology Corp UPC259 Datasheet HTML 5Page - Renesas Technology Corp UPC259 Datasheet HTML 6Page - Renesas Technology Corp UPC259 Datasheet HTML 7Page - Renesas Technology Corp UPC259 Datasheet HTML 8Page - Renesas Technology Corp UPC259 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
R03DS0146EJ0100 Rev.1.00
Page 1 of 8
2019.06.13
Datasheet
µPC259, 4560
High Performance, Low Noise
Dual Operational Amplifier
DESCRIPTION
The μPC259 and 4560 are dual operational amplifier with a built-in phase compensation circuit. The
electrical characteristics are equivalent to the μPC258 and 4558, and can flow a large amount of output
current. In addition, the slew rate is about 2.8 times of the μPC258, 4558.
Therefore, applications such as active filters, audio amplifiers and VCOs can be realized with a simple circuit
configuration.
Depending on the operating ambient temperature, µPC259 is suitable for communication application while
µPC4560 is suitable for general-purpose usage.
FEATURES
 Input Offset Voltage
±0.5 mV (TYP.)
 Input Offset Current
±5 nA (TYP.)
 Input Bias Current
60 nA (TYP.)
 Slew Rate
2.8 V/µs (TYP.)
 Output Current
over 25 mA
 Built-In Phase Compensation Circuit
 Standard Dual Op-Amp terminal connection (pin compatible)
ORDERING INFORMATION
Ordering Name
Package
μPC259G2-A
8-pin plastic SOP ( 5.72 mm ( 225 mil))
μPC4560G2-A
8-pin plastic SOP ( 5.72 mm ( 225 mil))
EQUIVALENT CIRCUIT (1/2 Circuit)
PIN CONFIGURATION (Top View)
Q3
Q2
IN
Q4
Q1
II
C1 R3
Q6
R4
Q10
R5
Q9
Q8
Q7
Q5
R1
Q11
R6
Q12
Q14
Q13
OUT
V -
Q15
V +
R2
R7
R8
D
C2
µPC259G2, μPC4560G2
1
OUT1
6
V +
II1 2
IN1
V -
8
OUT2
7
4
3II2
IN2
1
-+
2
+ -
5
R03DS0146EJ0100
Rev.1.00
2019.06.13


Similar Part No. - UPC259

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC259 RENESAS-UPC259 Datasheet
698Kb / 9P
High Performance, Low Noise Dual Operational Amplifiers
Rev.2.00 Feb.18.25
UPC259G2-AP RENESAS-UPC259G2-AP Datasheet
698Kb / 9P
High Performance, Low Noise Dual Operational Amplifiers
Rev.2.00 Feb.18.25
UPC259 RENESAS-UPC259_V01 Datasheet
698Kb / 9P
High Performance, Low Noise Dual Operational Amplifiers
Rev.2.00 Feb.18.25
More results

Similar Description - UPC259

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2114 NJRC-NJM2114 Datasheet
257Kb / 5P
HIGH PERFORMANCE LOW-NOISE DUAL OPERATIONAL AMPLIFIER
NJM5532 NJRC-NJM5532 Datasheet
239Kb / 6P
HIGH PERFORMANCE LOW-NOISE DUAL OPERATIONAL AMPLIFIER
NJM5534 NJRC-NJM5534 Datasheet
242Kb / 6P
HIGH PERFORMANCE LOW-NOISE OPERATIONAL AMPLIFIER?
logo
Intersil Corporation
HA-5112 INTERSIL-HA-5112 Datasheet
32Kb / 5P
Dual, Low Noise, High Performance Uncompensated Operational Amplifier
July 1994
logo
Fairchild Semiconductor
RC5532 FAIRCHILD-RC5532 Datasheet
62Kb / 8P
High Performance Dual Low Noise Operational Amplifier
RM5532 FAIRCHILD-RM5532 Datasheet
58Kb / 12P
High Performance Dual Low Noise Operational Amplifier
logo
Intersil Corporation
HA-5101883 INTERSIL-HA-5101883 Datasheet
1Mb / 16P
Low Noise, High Performance Operational Amplifier
August 17, 2005
HA-5102883 INTERSIL-HA-5102883 Datasheet
553Kb / 5P
Dual, Low Noise, High Performance Operational Amplifier
July 1994
HA-5112883 INTERSIL-HA-5112883 Datasheet
101Kb / 5P
Dual, Low Noise, High Performance Uncompensated Operational Amplifier
October 2004
logo
New Japan Radio
NJM5534DD NJRC-NJM5534DD Datasheet
174Kb / 6P
HIGH PERFORMANCE LOW-NOISE OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com