Electronic Components Datasheet Search
  English  ▼

X  

UPC259 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # UPC259
Description  High Performance, Low Noise Dual Operational Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC259 Datasheet(HTML) 7 Page - Renesas Technology Corp

  UPC259 Datasheet HTML 1Page - Renesas Technology Corp UPC259 Datasheet HTML 2Page - Renesas Technology Corp UPC259 Datasheet HTML 3Page - Renesas Technology Corp UPC259 Datasheet HTML 4Page - Renesas Technology Corp UPC259 Datasheet HTML 5Page - Renesas Technology Corp UPC259 Datasheet HTML 6Page - Renesas Technology Corp UPC259 Datasheet HTML 7Page - Renesas Technology Corp UPC259 Datasheet HTML 8Page - Renesas Technology Corp UPC259 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
µPC259, 4560
R03DS0146EJ0100 Rev.1.00
Page 7 of 8
2019.06.13
USE WITH PRECAUTIONS
 Managing unused circuits
If there is an unused circuit, the following connection is recommended.
Example of handling unused circuit
Note in this example, an intermediate voltage of V + and V - is applied.
 Power Supply (Dual Power Supply / Single Power Supply)
The op amp operates when a predetermine voltage is applied between V + - V - . Therefore, while it operates
from a single power supply (V - = GND), it is not possible to operate the input and output near GND. So
please be careful of the common-mode input voltage range and maximum output voltage.
 Ratings of input/output pin voltage
When the voltage of input/output pin exceeds the absolute maximum rating, the parasitic diode within the
IC may conduct, causing characteristics degradation or damage. In addition, if the input pin is lower than
V-, or the output pin exceeds the power supply voltage, it is recommended to make a clamping circuit using
a diode with low forward voltage (e.g.: Schottky diode) as protection.
 Range of common-mode input voltage
When the supply voltage does not meet the condition of electrical characteristics, the range of common-
mode input voltage is as follows.
VICM (TYP.) : V - +1 ~ V + -1 [V] (TA = 25
C)
During designing, do include some margin by considering characteristics variation, temperature
characteristics etc.
 Maximum Output Voltage
The TYP. value range of the maximum output voltage when the supply voltage does not meet the
condition of electrical characteristics is as follows:
Vom + (TYP.) : V + -1 [V] (TA = 25
C), Vom - (TYP.) : V - +1 [V] (TA = 25 C)
During designing, do include some margin by considering characteristics variation, temperature
characteristics and so on. In addition, also note that the output voltage range (Vom+ - Vom-) will become
narrow when the output current increases.
 Handling of ICs
When stress is added to the ICs due to warpage or bending of a board, the characteristic may fluctuates
due to piezoelectric (piezo) effect. Therefore, pay attention to warpage or bending of a board.
V -
+
-
V -
V +
V +
R
R
同相入力電圧範囲
(VICM) 内の電位へ
To potentials within the
range of common-mode
input voltage (VICM)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com