Electronic Components Datasheet Search
  English  ▼

X  

UPC2905T Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # UPC2905T
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC2905T Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button UPC2905T Datasheet HTML 13Page - Renesas Technology Corp UPC2905T Datasheet HTML 14Page - Renesas Technology Corp UPC2905T Datasheet HTML 15Page - Renesas Technology Corp UPC2905T Datasheet HTML 16Page - Renesas Technology Corp UPC2905T Datasheet HTML 17Page - Renesas Technology Corp UPC2905T Datasheet HTML 18Page - Renesas Technology Corp UPC2905T Datasheet HTML 19Page - Renesas Technology Corp UPC2905T Datasheet HTML 20Page - Renesas Technology Corp UPC2905T Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
µ PC29xx Series
15
Data Sheet G10026EJ4V0DS
TYPICAL CHARACTERISTICS
20
15
10
5
0
050
100
150
85
TA - Operating Ambient Temperature -
°C
Pd vs TA
With
infinite
heatsink
Without heatsink
1.92
1.0
300
200
100
0
–100
–200
–300
–400
0
100
150
TJ - Operating Junction Temperature -
°C
∆VO vs TJ
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
07
18
2
VIN - Input Voltage - V
VO vs VIN ( PC2933)
50
45
40
35
30
25
20
15
10
5
018
220
4
VIN - Input Voltage - V
IBIAS (IBIAS (s)) vs VIN ( PC2933)
1.0
0.8
0.6
0.4
0.2
0
–25
+125
0
+150
+75
TJ - Operating Junction Temperature -
°C
VDIF vs TJ
3.0
2.0
1.0
015
520
VDIF - Dropout Voltage - V
IO peak vs VDIF ( PC2933)
IO = 5 mA
–50
50
PC2912
PC2905
PC2933
Solid line :
PC29xxHF Series
Broken line:
PC29xxHB Series
PC29xxT Series
35
6
4
TJ = 25
°C
IO = 1.0 A
IO = 0.5 A
IO = 5 mA
TJ = 25
°C
610
14
16
12
8
IO = 1 A
IO = 0.5 A
IO = 0 A
+100
+50
+25
IO = 1.0 A
PC2933
PC2905
PC2906
PC2907
PC2908
PC2909
PC2910
PC2912
10
TJ = 0
°C
TJ = 125
°C
TJ = 25
°C
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com